Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MHW903 Arkusz danych(PDF) 2 Page - Motorola, Inc

Numer części MHW903
Szczegółowy opis  3.5 W 890 to 915 MHz RF POWER AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHW903 Arkusz danych(HTML) 2 Page - Motorola, Inc

  MHW903 Datasheet HTML 1Page - Motorola, Inc MHW903 Datasheet HTML 2Page - Motorola, Inc MHW903 Datasheet HTML 3Page - Motorola, Inc MHW903 Datasheet HTML 4Page - Motorola, Inc MHW903 Datasheet HTML 5Page - Motorola, Inc MHW903 Datasheet HTML 6Page - Motorola, Inc MHW903 Datasheet HTML 7Page - Motorola, Inc MHW903 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MHW903 MHW953 MHW954
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS — continued (Vs1 = Vs2 = Vs3 = 7.2 Vdc; Vb = 5.0 Vdc for MHW903/953)
ELECTRICAL CHARACTERISTICS — continued (Vs1 = Vs2 = 7.2 Vdc; Vb = 4.5 Vdc for MHW954)
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C; 50 ohm system, unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Efficiency (Pout = 3.5 W; Pin = 1.0 mW) MHW903/ 953 (1)
Efficiency (Pout = 3.5 W) MHW954 (2)
η
40
%
Harmonics (Pout = 3.5 W; Pin = 1.0 mW) MHW903/ 953 (1) 2.0 fo
3.0 fo
Harmonics (Pout = 3.5 W) MHW954 (2)
2.0 fo
3.0 fo
– 35
– 45
– 30
– 40
dBc
Noise Power (In 30 kHz Bandwidth, 20 MHz above fo) (TC = 25°C – 100°C)
(Pout = 0.3– 3.5 W; Vs1 = Vs2 = Vs3 = 6.25– 9.0 Vdc, Pin = 1.0 mW) MHW903/ 953 (1)
(Pout = 0.3– 3.5 W; Vs1 = Vs2 = 6.25– 9.0 Vdc) MHW954 (2)
– 65
– 75
dBm
Output Power, Low Voltage (Pin = 1.0 mW; Vs1 = Vs2 = Vs3 = 6.25 Vdc; Vcont = 3.0 Vdc) MHW903/953
Output Power, Low Voltage (Pin = 100 mW; Vs1 = Vs2 = 6.25 Vdc) MHW954
Po1
2.0
2.3
W
Isolation (Pin = 1.0 mW; Vcont = 0 Vdc; Vs1 = Vb = 0 – 5 Vdc) MHW903/ 953 only (1)
– 36
dBm
3.0 dB Vcont Bandwidth (Pin = 1.0 mW; Pout = 0.03– 3.5 W) MHW903/ 953 only (1)
1.0
MHz
% AM In Output
(Pout = 0.035– 3.5 W; 135 kHz, 1% AM on Input) MHW954 only (2)
6
%
Load Mismatch Stress (Pin = 2.0 mW; Pout = 3.5 W; Vs1 = Vs2 = Vs3 = 9.0 Vdc) MHW903/ 953 (1)
Load Mismatch Stress (Pout = 3.5 W; Vb = 4.75 Vdc; Vs1 = Vs2 = 9.0 Vdc) MHW954 (2)
Load Mismatch Stress (Load VSWR = 10:1, All Phase Angles at Frequency of Test)
ψ
No degradation
in output power
before and after test
Stability
(Pin = 0.5 to 2.0 mW; Pout = 0.03– 3.5 W; Vs1 = Vs2 = Vs3 = 6.0 to 9.0 Vdc) MHW903/ 953 (1)
(Pout = 0.03– 3.5 W; Vs1 = Vs2 = 6.0 to 9.0 Vdc) MHW954 (2)
(Load VSWR = 6:1, Source VSWR = 3:1, All Phase Angles at Frequency of Test)
All spurious outputs
more than 60 dB
below desired signal
NOTES:
1. Adjust Vcont for specified Pout; duty cycle = 12.5%, period = 4.6 ms
2. Adjust Pin for specified Pout; duty cycle = 12.5%, period = 4.6 ms
Figure 1. Test Circuit Diagram — MHW903 / 953
PIN DESIGNATIONS:
Pin 1 — RF Input Power @ 0 dBm and Control Voltage @ 0 – 3.0 Vdc
Pin 2 — First and Second Stage Collector Supply Voltage @ 7.2 Vdc
Pin 3 — Trickle Base Bias Voltage @ 5.0 Vdc
Pin 4 — Third Stage Collector Supply Voltage @ 7.2 Vdc
Pin 5 — Fourth Stage Collector Supply Voltage @ 7.2 Vdc
Pin 6 — RF Output Power @ 3.5 W
ELEMENT VALUES:
C1=C2= 0.018
µF
C4=C6=C8=C10= 0.1
µF
C3=C5=C7=C9 = 1.0
µF Tant.
L1 – L3 = 0.29
µH Choke
L4, L5 = 0.15
µH Choke
Z1, Z2 = 50 Ohm Microstrip
CIRCUIT BLOCK DIAGRAM
Z1
L2
RF INPUT
1
2
3
4
5
6
Vcont
Z2
Vs1
Vb
Vs2 + Vs3
RF OUTPUT
C7
C9
L3
L4
L5
L1
C1
C3
C2
C4
C6
C8
C10
C5



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com