Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MHW927A Arkusz danych(PDF) 1 Page - Motorola, Inc

Numer części MHW927A
Szczegółowy opis  6.0 W 824 to 849 MHz RF LINEAR POWER AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHW927A Arkusz danych(HTML) 1 Page - Motorola, Inc

  MHW927A Datasheet HTML 1Page - Motorola, Inc MHW927A Datasheet HTML 2Page - Motorola, Inc MHW927A Datasheet HTML 3Page - Motorola, Inc MHW927A Datasheet HTML 4Page - Motorola, Inc MHW927A Datasheet HTML 5Page - Motorola, Inc MHW927A Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
MHW927A MHW927B
MOTOROLA RF DEVICE DATA
The RF Line
UHF Linear Power Amplifiers
Designed specifically for the United States digital 3.0 W, mobile radio. The
MHW927A / B are capable of wide power range control, operate from a 12.5 V
supply and require 1.0 mW of RF input power.
• MHW927A Operates from a 9.5 Volt Bias Supply (VB)
MHW927B Operates from a 8.0 Volt Bias Supply (VB)
• Specified 12.5 Volt Characteristics for MHW927A/B:
RF Input Power — 1.0 mW (0 dBm) Max
RF Output Power — 6.0 W
Power Gain — 40 dB Typ
Harmonics — – 30 dBc Max @ 2 f0
• Linearity (IMD) — –29 dBc Max for 3rd Order; –34 dBc Max for 5th Order
• New Biasing and Control Techniques Providing Dynamic Range and Control Circuit
Bandwidth Ideal for USDC
• 50 Ω Input/Output Impedances
• Guaranteed Stability and Ruggedness
MAXIMUM RATINGS (Recommended Values for Safe Operation — Not Guaranteed Performance)
Rating
Symbol
Value
Unit
DC Supply Voltage
VS2, VS3
16.5
Vdc
DC Bias Voltage
VB
10
Vdc
RF Input Power
MHW927A, B
Pin
3.0
mW
RF Output Power
Pout
13
W
Operating Case Temperature Range
TC
– 30 to +100
°C
Storage Temperature Range
Tstg
– 30 to +100
°C
ELECTRICAL CHARACTERISTICS (VS2 = VS3 = 12.5 Vdc; VB = 9.5 Vdc (MHW927A); VB = 8.0 Vdc (MHW927B); Pin ≤ 1.0 mW
(MHW927A / B); TC = +25°C, 50 ohm system, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Frequency Range
BW
824
849
MHz
Input Power (Pout = 6.0 W) (1)
Pin
1.0
mW
Efficiency (Pout = 6.0 W) (1)
η1
28
30
%
Efficiency, Two Tone (Pout (Avg.) = 6.0 W; f1 & f2 10 kHz apart) (1)
η2
28
30
%
Input VSWR (Pout = 6.0 W) (1)
VSWRin
2.5:1
Harmonics (Pout = 6.0 W) (1)
2 f0
3 f0
– 30
– 45
dBc
Noise Power (In 30 kHz Bandwidth, 45 MHz Above f0; TC = +25°C to TC = +100°C;
Pout = 6.0 W) (1)
– 82
dBm
Linearity (Pout (Avg.) = 6.0 W; f1 & f2 are 10 kHz apart) (1) 3rd Order IMD
5th Order IMD
– 31
– 36
– 29
– 34
dBc
Load Mismatch Stress (VS2 = VS3 = 16 Vdc; Pout = 12.5 W; Pulsed at 50% Duty
Cycle; Load VSWR = 20:1, All Phase Angles At Frequency of Test) (1)
ψ
No Degradation
In Output Power Between
Before and After Test
Stability (VS2 = VS3 = 10 to 16 Vdc; Pout = 0.012 to 12 W;
Load VSWR = 4:1, All Phase Angles At Frequency of Test) (1)
All Spurious Outputs
More Than 70 dB
Below Desired Signal
NOTE:
1. Adjust Pin for Specified Pout.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MHW927A/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MHW927A
MHW927B
6.0 W
824 to 849 MHz
RF LINEAR
POWER AMPLIFIERS
CASE 301AA–01, STYLE 1
*Motorola Preferred Device
*
© Motorola, Inc. 1994
REV 6


Podobny numer części - MHW927A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MHW9276 MOTOROLA-MHW9276 Datasheet
260Kb / 4P
GALLIUM ARSENIDE CATV AMPLIFIER MODULE
logo
Freescale Semiconductor...
MHW9276N FREESCALE-MHW9276N Datasheet
73Kb / 4P
Gallium Arsenide CATV Amplifier Module
More results

Podobny opis - MHW927A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MHW903 MOTOROLA-MHW903 Datasheet
154Kb / 8P
3.5 W 890 to 915 MHz RF POWER AMPLIFIERS
logo
Tyco Electronics
MAAPSS0006 MACOM-MAAPSS0006 Datasheet
56Kb / 4P
Cellular CDMA/AMPS Power Amplifier 824 - 849 MHz
MLS9102-00837 MACOM-MLS9102-00837 Datasheet
153Kb / 2P
Surface Mount Frequency Synthesizer CDMA 824 - 849 MHz
logo
Synaptics Incorporated.
RM912 CONEXANT-RM912 Datasheet
457Kb / 20P
CDMA/AMPS 3-4 Volt Power Amplifier (824-849 MHz)
logo
Skyworks Solutions Inc.
CX77105 SKYWORKS-CX77105 Datasheet
563Kb / 17P
Power Amplifier Module for CDMA/AMPS (824-849 MHz)
CX77140 SKYWORKS-CX77140 Datasheet
665Kb / 13P
PA Module for CDMA / AMPS (824-849 MHz)
RM914 SKYWORKS-RM914 Datasheet
576Kb / 16P
Power Amplifier Module for AMPS Applications (824-849 MHz)
SKY77163 SKYWORKS-SKY77163 Datasheet
45Kb / 2P
AutoSmart PA Module for CDMA / AMPS (824-849 MHz)
SKY77188 SKYWORKS-SKY77188 Datasheet
70Kb / 2P
Power Amplifier Module for WCDMA / HSDPA Band V (824-849 MHz)
SKY77413 SKYWORKS-SKY77413 Datasheet
54Kb / 2P
Front-End Module for WCDMA (824-849 MHz)
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com