Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MHW927A Arkusz danych(PDF) 2 Page - Motorola, Inc

Numer części MHW927A
Szczegółowy opis  6.0 W 824 to 849 MHz RF LINEAR POWER AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHW927A Arkusz danych(HTML) 2 Page - Motorola, Inc

  MHW927A Datasheet HTML 1Page - Motorola, Inc MHW927A Datasheet HTML 2Page - Motorola, Inc MHW927A Datasheet HTML 3Page - Motorola, Inc MHW927A Datasheet HTML 4Page - Motorola, Inc MHW927A Datasheet HTML 5Page - Motorola, Inc MHW927A Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MHW927A MHW927B
2
MOTOROLA RF DEVICE DATA
Figure 1. MHW927A / B Test Circuit Diagram
*Module input power is forward power as sampled by the directional
*coupler and read on the input power meter.
MHW927 INTERNAL DIAGRAM
INPUT*
POWER
METER
REFLECTED
POWER
METER
10 dB
MINIMUM
ATTENUATION
RF SIGNAL
GENERATOR
POWER
TERMINATION
20 dB DUAL DIRECTIONAL
COUPLER
RF
OUT
RF
IN
20 dB
ATTENUATOR
SPECTRUM
ANALYZER
OUTPUT
POWER
METER
Z1
Z2
C1, 2, 3 — 0.018
µF
C4, 5, 6 — 0.1
µF
C7, 8, 9 — 1.0
µF (tant.)(tant.)
Z1, Z2 — 50
Ω MICROSTRIP
1
2
90 DEGREE
HYBRID
JUNCTION
50
TERMINATION
6 dB PAD
6 dB PAD
CIRCULATORS
TEST FIXTURE
C4
50
TERMINATION
C1
3
C7
4
5
VBIAS
(TYPICAL)(1)
VS2
12.5 V
@ 160 mA
(TYPICAL)
VS3
12.5 V
@ 1.25 mA
(TYPICAL)
20 dB DUAL DIRECTIONAL
COUPLER
RF SIGNAL
GENERATOR
C5
C2
C8
C3
C6
C9
+
+
+
(1) VBIAS = 9.5 V @ 140 mA (MHW927A) or 8.0 V @ 140 mA (MHW927B)



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com