Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MHW932 Arkusz danych(PDF) 4 Page - Motorola, Inc

Numer części MHW932
Szczegółowy opis  32 W 890 to 915 MHz RF POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHW932 Arkusz danych(HTML) 4 Page - Motorola, Inc

  MHW932 Datasheet HTML 1Page - Motorola, Inc MHW932 Datasheet HTML 2Page - Motorola, Inc MHW932 Datasheet HTML 3Page - Motorola, Inc MHW932 Datasheet HTML 4Page - Motorola, Inc MHW932 Datasheet HTML 5Page - Motorola, Inc MHW932 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MHW932
4
MOTOROLA RF DEVICE DATA
APPLICATIONS INFORMATION
NOMINAL OPERATION
All electrical specifications are based on the nominal
conditions of Vs1 = Vs2 = Vs3 = Vs4 = 12.5 Vdc (Pins 2, 3,
5, 6), and Vb = 5.0 Vdc (Pin 4). With these conditions, maxi-
mum current density on any device is 1.5 x 105 A/cm2 and
maximum die temperature is 165
°C. While the modules are
designed to have excess gain margin with ruggedness, op-
eration of these units outside the published specifications is
not recommended unless prior communications regarding in-
tended use have been made with the factory representative.
GAIN CONTROL
The module output power should be limited to specified
value. The preferred method of power control is to fix Vs1 =
Vs2 = Vs3 = Vs4 = 12.5 Vdc (Pins 2, 3, 5, 6), Vb = 5.0 Vdc (Pin
4), and vary Pin (Pin 1) from 0 to 100 mW.
DECOUPLING
Due to the high gain of the four stages and the module size
limitation, external decoupling networks require careful con-
sideration, Pins 2, 3, 4, 5, and 6 are internally bypassed with
a 0.018
µF chip capacitor which is effective for frequencies
from 5.0 MHz through 940 MHz. For bypassing frequencies
below 5.0 MHz, networks equivalent to that shown in Figure
1 are recommended. Inadequate decoupling will result in
spurious outputs at certain operating frequencies and certain
phase angles of input and output VSWR.
LOAD MISMATCH
During final test each module is load mismatch tested in a
fixture having the identical decoupling networks described in
Figure 1. Electrical conditions are Vs1 = Vs2 = Vs3 = Vs4 =
15.6 Vdc (Pins 2, 3, 5, 6), and Vb = 5.0 Vdc (Pin 4), VSWR
equal to 10:1, and output power equal to 40 watts.



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com