Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MHW932 Arkusz danych(PDF) 2 Page - Motorola, Inc

Numer części MHW932
Szczegółowy opis  32 W 890 to 915 MHz RF POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHW932 Arkusz danych(HTML) 2 Page - Motorola, Inc

  MHW932 Datasheet HTML 1Page - Motorola, Inc MHW932 Datasheet HTML 2Page - Motorola, Inc MHW932 Datasheet HTML 3Page - Motorola, Inc MHW932 Datasheet HTML 4Page - Motorola, Inc MHW932 Datasheet HTML 5Page - Motorola, Inc MHW932 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MHW932
2
MOTOROLA RF DEVICE DATA
Pin Designations:
Element Values:
Pin 1 — RF Input Power @ 20 dBm Max Adjust
Pin 1 — for Output Power
Pin 2 — First Stage Collector Voltage @ 12.5 Vdc
Pin 3 — Second Stage Collector Voltage @ 12.5 Vdc
Pin 4 — Trickle Bias Voltage @ 5.0 Vdc
Pin 5 — Third Stage Collector Supply @ 12.5 Vdc
Pin 6 — Fourth Stage Collector Supply @ 12.5 Vdc
Pin 7 — RF Output Power @ 32 W Nominal
C1 = C2 = C4 = C6 = C8 = C10 = 0.018
µF
C3 = C5 = C7 = C9 = C11 = 2.2
µF
L1 – L3 = 0.29
µH
L4 = 0.2
µH
L5 — VR200, Up to 10 A Max IS4
Z1, Z2 = 50 Ohm Microstrip
MHW932 BLOCK DIAGRAM
1
2
3
4
5
7
C1
C2
C3
C4
C5
C6
C7
C8
C9
Z1
Z2
L1
L2
L3
L4
RF INPUT
VS1
VS2
VS3
VB
RF OUTPUT
6
C10
C11
L5
VS4
Figure 1. Test Circuit Diagram



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com