Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DTP9530 Arkusz danych(PDF) 3 Page - DinTek Semiconductor Co,.Ltd

Numer części DTP9530
Szczegółowy opis  N-Channel 30-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DINTEK [DinTek Semiconductor Co,.Ltd]
Strona internetowa  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTP9530 Arkusz danych(HTML) 3 Page - DinTek Semiconductor Co,.Ltd

  DTP9530 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTP9530 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTP9530 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTP9530 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTP9530 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTP9530 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTP9530 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTP9530 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
14
28
42
56
70
0.0
0.5
1.0
1.5
2.0
2.5
VGS =10thru 4 V
VGS =3 V
VDS - Drain-to-Source Voltage (V)
0.0020
0.0025
0.0030
0.0035
0.0040
0.0045
014
28
42
56
70
VGS =4.5 V
VGS =10 V
ID - Drain Current (A)
0
2
4
6
8
10
0
13263952
65
VDS =20 V
ID =10A
VDS =15 V
VDS =10 V
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0
1234
5
TC = 25 °C
TC = 125 °C
TC = - 55 °C
VGS - Gate-to-Source Voltage (V)
Crss
0
900
1800
2700
3600
4500
0
6
12
18
24
30
Ciss
Coss
VDS - Drain-to-Source Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
VGS =4.5 V
VGS =10 V
ID =15A
TJ -Junction Temperature (°C)
DT
www.
daysemi.jp



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com