Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KTLP165J Arkusz danych(PDF) 1 Page - COSMO Electronics Corporation

Numer części KTLP165J
Szczegółowy opis  Pb free and RoHS compliant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COSMO [COSMO Electronics Corporation]
Strona internetowa  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KTLP165J Arkusz danych(HTML) 1 Page - COSMO Electronics Corporation

  KTLP165J_13 Datasheet HTML 1Page - COSMO  Electronics Corporation KTLP165J_13 Datasheet HTML 2Page - COSMO  Electronics Corporation KTLP165J_13 Datasheet HTML 3Page - COSMO  Electronics Corporation KTLP165J_13 Datasheet HTML 4Page - COSMO  Electronics Corporation KTLP165J_13 Datasheet HTML 5Page - COSMO  Electronics Corporation KTLP165J_13 Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT SPECIFICATION
DATE:01/04/2013
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KTLP165J
NO. 61P43003
REV.
4
SHEET 1 OF 6
Mini-flat package
Optoisolators Triac Drive Output
( 600V Volts Peak )
 Features
1. Pb free and RoHS compliant.
2. Opaque type,mini-flat package.
3. Subminiature type
(The volume is smaller than that of our
conventional DIP type by as far as 30%).
4. Isolation voltage between input and output (Viso:3750Vrms).
5. Safety Approval:
UL approved:UL1577 , No.E169586
CUL approved:C22.2 No.1 & NTC No.5 , No.E169586
VDE approved:EN60747-5-2 , No.40009235
CQC approved:GB8898 / GB4943
CQC10001049555、CQC08001022986
 For 115/240 Vac(rms) Application:
1. Solenoid/Valve Controls.
2. Lighting Controls.
3. Static Power Switches.
4. AC Motor Drives.
5. Temperature Controls.
6. E.M. Contactors.
7. AC Motor Staters.
8. Solid State Relays.
9. Programmable controllers.


Podobny numer części - KTLP165J_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
COSMO Electronics Corp...
KTLP165J COSMO-KTLP165J_15 Datasheet
207Kb / 9P
4PIN MINI-FLAT RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
More results

Podobny opis - KTLP165J_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
COSMO Electronics Corp...
KT1000 COSMO-KT1000 Datasheet
196Kb / 8P
Pb free and RoHS compliant
KT1010 COSMO-KT1010 Datasheet
196Kb / 8P
Pb free and RoHS compliant
KT1200 COSMO-KT1200 Datasheet
159Kb / 8P
Pb free and RoHS compliant
KT1210 COSMO-KT1210 Datasheet
160Kb / 8P
Pb free and RoHS compliant
KT1600 COSMO-KT1600 Datasheet
196Kb / 8P
Pb free and RoHS compliant
KTLP160J COSMO-KTLP160J_13 Datasheet
129Kb / 6P
Pb free and RoHS compliant
KTLP161J COSMO-KTLP161J_13 Datasheet
130Kb / 6P
Pb free and RoHS compliant
KTLP168J COSMO-KTLP168J_13 Datasheet
131Kb / 6P
Pb free and RoHS compliant
logo
M/A-COM Technology Solu...
MAFL-011057 MA-COM-MAFL-011057 Datasheet
223Kb / 6P
RoHS Compliant and Pb free
logo
Abracon Corporation
ALFB-01 ABRACON-ALFB-01 Datasheet
535Kb / 1P
RoHS compliant and Pb free
10.30.13
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com