Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KTLP165J Arkusz danych(PDF) 3 Page - COSMO Electronics Corporation

Numer części KTLP165J
Szczegółowy opis  Pb free and RoHS compliant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COSMO [COSMO Electronics Corporation]
Strona internetowa  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KTLP165J Arkusz danych(HTML) 3 Page - COSMO Electronics Corporation

  KTLP165J_13 Datasheet HTML 1Page - COSMO  Electronics Corporation KTLP165J_13 Datasheet HTML 2Page - COSMO  Electronics Corporation KTLP165J_13 Datasheet HTML 3Page - COSMO  Electronics Corporation KTLP165J_13 Datasheet HTML 4Page - COSMO  Electronics Corporation KTLP165J_13 Datasheet HTML 5Page - COSMO  Electronics Corporation KTLP165J_13 Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PRODUCT SPECIFICATION
DATE:01/04/2013
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KTLP165J
NO. 61P43003
REV.
4
SHEET 3 OF 6
 Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
Peak forward current (100us)
IFP
1
A
Reverse voltage
VR
6
V
Power dissipation
PD
70
mW
Output
Off-State Output Terminal voltage
VDRM
600
V
On-State R.M.S. Current
IT(RMS)
70
mA
Peak Repetitive Surget Current
(PW=10ms.DC 10%)
ITSM
1
A
Power dissipation
PD
150
mW
Total power dissipation
Ptot
200
mW
Isolation voltage 1 minute
Viso
3750
Vrms
Operating temperature
Topr
-40 to +115
Storage temperature
Tstg
-50 to +125
Soldering temperature 10 second
Tsol
260
 Electro-optical Characteristics
Parameter
Symbol
Conditions
MIN.
TYP. MAX. Unit
Input
Forward voltage
VF
IF = 10mA
-
1.2
1.4
V
Peak forward voltage
VFM
IFM = 0.5A
-
-
3.5
V
Reverse current
IR
VR = 5V
-
-
10
μA
Output
Peak Blocking Current
IDRM
VDRM = 600V
-
-
1.0
μA
On-State Voltage
VTM
ITM = 70mA
-
1.6
2.8
V
Transfer
charac-
teristics
Holding Current
IH
-
1.0
mA
Critical rate of rise of
Off-state voltage
dV/dt
VDRM = (1/ 2 )‧Rated
100
-
-
V/μs
Isolation resistance
Riso
DC500V
5×10
10
10
11
-
Minimum trigger current
IFT
Main Terminal Voltage=3V
-
5
10
mA
Tunr-on time
Ton
VD = 6V, RL=100 ohm,
IF=20mA
-
-
100
μS



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com