Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLT04GP Arkusz danych(PDF) 11 Page - Analog Devices

Numer części MLT04GP
Szczegółowy opis  Four-Channel, Four-Quadrant Analog Multiplier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

MLT04GP Arkusz danych(HTML) 11 Page - Analog Devices

Back Button MLT04GP Datasheet HTML 4Page - Analog Devices MLT04GP Datasheet HTML 5Page - Analog Devices MLT04GP Datasheet HTML 6Page - Analog Devices MLT04GP Datasheet HTML 7Page - Analog Devices MLT04GP Datasheet HTML 8Page - Analog Devices MLT04GP Datasheet HTML 9Page - Analog Devices MLT04GP Datasheet HTML 10Page - Analog Devices MLT04GP Datasheet HTML 11Page - Analog Devices MLT04GP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
–11–
REV. B
Figure 46. “Inverted-Multiplier” Configuration for
Analog Division
Figure 47. Signal-Dependent Feedback Makes Variables
Out of Amplifier Bandwidth and Stability
Although this technique works well with almost any operational
amplifier, there is one caveat: for best circuit stability, the unity-
gain crossover frequency of the operational amplifier should be
equal to or less than the MLT04’s 8 MHz bandwidth.
Connection for Square Rooting
Another application of the “inverted multiplier” configuration is the
square-root function. As shown in Figure 48, both inputs of the
MLT04 are wired together and are used as the output of the
circuit. Because the circuit configuration exhibits the following
generalized transfer function:
V
O
=−2.5 ×
R2
R1


×V
IN
the input signal voltage is limited to the range –2.5 V
≤ V
IN < 0.
To
prevent circuit latchup due to positive feedback or input signal
polarity reversal, a 1N4148-type junction diode is used in series
with the output of the multiplier.
Figure 48. Connections for Square Rooting
Voltage-Controlled Low-Pass Filter
The circuit in Figure 49 illustrates how to construct a voltage-
controlled low-pass filter with an analog multiplier. The advantage
with this approach over conventional active-filter configurations is
that the overall characteristic cut-off frequency,
ω
O, will be directly
proportional to a multiplying input voltage. This permits the
construction of filters in which the capacitors are adjustable
(directly or inversely) by a control voltage. Hence, the frequency
scale of a filter can be manipulated by means of a single voltage
without affecting any other parameters. The general form of the
circuit’s transfer function is given by:
V
O
V
IN
=−
R2
R1


1
s
R2
+ R1
R1


2. 5RC
V
X


+ 1
In this circuit, the ratio of R2 to R1 sets the passband gain, and the
break frequency of the filter,
ω
LP, is given by:
ω
LP
=
R1
R1
+ R2


V
X
2. 5RC


Figure 49. A Voltage-Controlled Low-Pass Filter
For example, if R1 = R2 = 10 k
Ω , R = 10 kΩ , and C = 80 pF,
MLT04
V
O
V
IN
R1
10k
R2
10k
1/4 MLT04
0.4
3
2
4
1
GND1
Y1
X1
W1
2
6
3
OP113
V
X
V
O = –2.5V •
V
IN
V
X
+
+
+
+
90
40
100
1k
10M
1M
100k
10k
50
60
70
80
0
10
20
30
FREQUENCY – Hz
AVOL
OP113
V
X
= 0.025V
V
X
= 0.25V
V
X
= 2.5V
V
O
V
IN
R1
10k
R2
10k
1/4 MLT04
0.4
3
2
4
1
Y1
X1
W1
6
OP113
D1
1N4148
V
O =
–2.5V • V
IN
2
3
+
C
80pF
R2
10k
R
10k
R1
10k
1/4 MLT04
0.4
3
2
1
V
O
Y1
X1
W1
2
3
1
A1
4
A1 = 1/2 OP285
V
IN
GND1
V
X
f
LP =; fLP = MAX @ VX = 2.5V
V
X
π10πRC
= –
1
1 + S
5RC
V
X
V
O
V
IN
+
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12