Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLT04GP Arkusz danych(PDF) 12 Page - Analog Devices

Numer części MLT04GP
Szczegółowy opis  Four-Channel, Four-Quadrant Analog Multiplier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

MLT04GP Arkusz danych(HTML) 12 Page - Analog Devices

Back Button MLT04GP Datasheet HTML 4Page - Analog Devices MLT04GP Datasheet HTML 5Page - Analog Devices MLT04GP Datasheet HTML 6Page - Analog Devices MLT04GP Datasheet HTML 7Page - Analog Devices MLT04GP Datasheet HTML 8Page - Analog Devices MLT04GP Datasheet HTML 9Page - Analog Devices MLT04GP Datasheet HTML 10Page - Analog Devices MLT04GP Datasheet HTML 11Page - Analog Devices MLT04GP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
–12–
REV. B
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
18-Lead Epoxy DIP (P Suffix)
18-Lead Wide-Body SOL (S Suffix)
then the output of the circuit has a pole at frequencies from 1 kHz
to 100 kHz for V
X ranging from 25 mV to 2.5 V.
The performance
of this low-pass filter is illustrated in Figure 20.
Figure 50. Low-Pass Cutoff Frequency vs. Control
Voltage, V
X
With this approach, it is possible to construct parametric biquad
filters whose parameters (center frequency, passband gain, and Q)
can be adjusted with dc control voltages.
MLT04
30
0
– 30
– 10
20
10
– 20
10
100
10M
1M
100k
10k
1k
FREQUENCY – Hz
V
X
= 0.025V
2.5V
0.25V
PIN 1
0.280 (7.11)
0.240 (6.10)
18
1
9
10
0.210
(5.33)
MAX
0.160 (4.06)
0.115 (2.93)
0.022 (0.558)
0.014 (0.356)
0.100
(2.54)
BSC
0.070 (1.77)
0.045 (1.15)
SEATING
PLANE
0.130
(3.30)
MIN
0.925 (23.49)
0.845 (21.47)
0.015
(0.38)
MIN
0.325 (8.25)
0.300 (7.62)
0.015 (0.38)
0.008 (0.20)
15°
0°
PIN 1
0.2992 (7.60)
0.2914 (7.40)
0.4193 (10.65)
0.3937 (10.00)
1
18
10
9
0.4625 (11.75)
0.4469 (11.35)
0.0192 (0.49)
0.0138 (0.35)
0.0500 (1.27)
BSC
0.1043 (2.65)
0.0926 (2.35)
0.0118 (0.30)
0.0040 (0.10)
0.0125 (0.32)
0.0091 (0.23)
0.0500 (1.27)
0.0157 (0.40)
8
°
0
°
0.0291 (0.74)
0.0098 (0.25)
x 45
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12