| Zakładka z wyszukiwarką danych komponentów |
|
LUCL9500AGF-D Arkusz danych(PDF) 19 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
LUCL9500AGF-D Arkusz danych(HTML) 19 Page - Agere Systems |
|
19 / 32 page ![]() Preliminary Data Sheet September 2001 High-Voltage Ringing SLIC for VoIP Applications L9500A Agere Systems Inc. 19 Test Configurations Figure 4. Basic Test Circuit VBAT2 VBAT1 BGND VCC AGND 0.1 µF 0.1 µF 0.1 µF RTFLT DCOUT PR PT VPROG VREF 0.1 µF 383 k Ω 30 Ω 30 Ω CF1 CF2 B0 B1 B2 0.1 µF RINGINN RINGINP VITR RCVP RCVN ITR VTX TXI VBAT2 VBAT1 VCC RLOOP 100 Ω/600 Ω TIP RING FB2 FB1 0.1 µF L9500 NSTAT B0 B1 B2 4750 Ω 0.1 µF VITR RCV RINGIN RINGIN 60.4 k Ω 0.1 µF 26.7 k Ω 69.8 k Ω RCV BASIC TEST CIRCUIT |