| Zakładka z wyszukiwarką danych komponentów |
|
LUCL9500AGF-D Arkusz danych(PDF) 20 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
LUCL9500AGF-D Arkusz danych(HTML) 20 Page - Agere Systems |
|
20 / 32 page ![]() Preliminary Data Sheet September 2001 High-Voltage Ringing SLIC for VoIP Applications L9500A 20 Agere Systems Inc. Test Configurations (continued) 12-2582.c (F) Figure 5. Metallic PSRR 12-2583.b (F) Figure 6. Longitudinal PSRR 12-2584.c (F) Figure 7. Longitudinal Balance 12-2587.G (F) Figure 8. ac Gains VS 4.7 µF 100 Ω VBAT OR VCC DISCONNECT VT/R VBAT OR VCC TIP RING BASIC TEST CIRCUIT + – PSRR = 20log VS VT/R 600 Ω BYPASS CAPACITOR VS 4.7 µF 100 Ω VBAT OR VCC DISCONNECT BYPASS CAPACITOR 56.3 Ω VBAT OR VCC TIP RING BASIC TEST CIRCUIT PSRR = 20log VS VM 67.5 Ω 10 µF 10 µF 67.5 Ω VM + – TIP RING BASIC TEST CIRCUIT LONGITUDINAL BALANCE = 20log VS VM 368 Ω 100 µF 100 µF 368 Ω VM + – VS PT PR BASIC TEST CIRCUIT 600 Ω VT/R + – GXMT = VXMT VT/R GRCV = VT/R VRCV RCV VS VITR RCV |