Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74F381SC Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części 74F381SC
Szczegółowy opis  4-Bit Arithmetic Logic Unit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F381SC Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

  74F381SC Datasheet HTML 1Page - Fairchild Semiconductor 74F381SC Datasheet HTML 2Page - Fairchild Semiconductor 74F381SC Datasheet HTML 3Page - Fairchild Semiconductor 74F381SC Datasheet HTML 4Page - Fairchild Semiconductor 74F381SC Datasheet HTML 5Page - Fairchild Semiconductor 74F381SC Datasheet HTML 6Page - Fairchild Semiconductor 74F381SC Datasheet HTML 7Page - Fairchild Semiconductor 74F381SC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
2.5
8.1
12.0
2.5
13.0
ns
tPHL
Cn to Fi
2.5
5.7
8.0
2.5
9.0
tPLH
Propagation Delay
4.0
10.4
15.0
4.0
16.0
ns
tPHL
Any A or B to Any F
3.5
8.2
11.0
3.5
12.0
tPLH
Propagation Delay
4.5
8.3
20.5
4.5
21.5
ns
tPHL
Si to Fi
4.0
8.2
15.0
4.0
16.0
tPLH
Propagation Delay
3.5
6.4
10.0
3.5
11.0
ns
tPHL
Ai or Bi to G
3.5
6.8
10.0
3.0
11.0
tPLH
Propagation Delay
2.5
7.2
10.5
2.5
11.5
ns
tPHL
Ai or Bi to P
3.5
6.5
9.5
3.5
10.5
tPLH
Propagation Delay
4.0
7.8
12.0
4.0
13.0
ns
tPHL
Si to G or P
4.5
10.2
13.5
4.5
14.5



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com