Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74F381SC Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części 74F381SC
Szczegółowy opis  4-Bit Arithmetic Logic Unit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F381SC Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  74F381SC Datasheet HTML 1Page - Fairchild Semiconductor 74F381SC Datasheet HTML 2Page - Fairchild Semiconductor 74F381SC Datasheet HTML 3Page - Fairchild Semiconductor 74F381SC Datasheet HTML 4Page - Fairchild Semiconductor 74F381SC Datasheet HTML 5Page - Fairchild Semiconductor 74F381SC Datasheet HTML 6Page - Fairchild Semiconductor 74F381SC Datasheet HTML 7Page - Fairchild Semiconductor 74F381SC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Functional Description
Signals applied to the Select inputs S0–S2 determine the
mode of operation, as indicated in the Function Select
Table. An extensive listing of input and output levels is
shown in the Truth Table. The circuit performs the arith-
metic functions for either active HIGH or active LOW oper-
ands, with output levels in the same convention. In the
Subtract operating modes, it is necessary to force a carry
(HIGH for active HIGH operands, LOW for active LOW
operands) into the Cn input of the least significant package.
The Carry Generate (G) and Carry Propagate (P) outputs
supply input signals to the 74F182 carry lookahead gener-
ator for expansion to longer word length, as shown in Fig-
ure 2. Note that an 74F382 ALU is used for the most
significant package. Typical delays for Figure 2 are given in
Figure 1.
Function Select Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
FIGURE 1. 16-Bit Delay Tabulation
FIGURE 2. 16-Bit Lookahead Carry ALU Expansion
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
A0–A3
A Operand Inputs
1.0/3.0
20
µA/−1.8 mA
B0–B3
B Operand Inputs
1.0/3.0
20
µA/−1.8 mA
S0–S2
Function Select Inputs
1.0/1.0
20
µA/−0.6 mA
Cn
Carry Input
1.0/4.0
20
µA/−2.4 mA
G
Carry Generate Output (Active LOW)
50/33.3
−1 mA/20 mA
P
Carry Propagate Output (Active LOW)
50/33.3
−1 mA/20 mA
F0–F3
Function Outputs
50/33.3
−1 mA/20 mA
Select
Operation
S0
S1
S2
LLL
Clear
H
L
L
B Minus A
L
H
L
A Minus B
HH
L
A Plus B
LL
H
A
⊕B
HL
H
A
+ B
LH
H
AB
HHH
Preset
Path Segment
Toward
Output
F
Cn + 4, OVR
Ai or Bi to P
7.2 ns
7.2 ns
Pi to Cn + ('F182)
6.2 ns
6.2 ns
Cn to F
8.1 ns
Cn or Cn + 4, OVR
8.0 ns
Total Delay
21.5 ns
21.4 ns



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com