Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P6KE6V8A Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części P6KE6V8A
Szczegółowy opis  transient voltage surge suppressor (TVS)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P6KE6V8A Arkusz danych(HTML) 6 Page - STMicroelectronics

  P6KE6V8A Datasheet HTML 1Page - STMicroelectronics P6KE6V8A Datasheet HTML 2Page - STMicroelectronics P6KE6V8A Datasheet HTML 3Page - STMicroelectronics P6KE6V8A Datasheet HTML 4Page - STMicroelectronics P6KE6V8A Datasheet HTML 5Page - STMicroelectronics P6KE6V8A Datasheet HTML 6Page - STMicroelectronics P6KE6V8A Datasheet HTML 7Page - STMicroelectronics P6KE6V8A Datasheet HTML 8Page - STMicroelectronics P6KE6V8A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Ordering information scheme
P6KE
6/9
Doc ID 3068 Rev 7
2
Ordering information scheme
Figure 11.
Ordering information scheme
3
Package information
Epoxy meets UL94, V0
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
P6 KE 100 CA RL
Peak Pulse Power
Breakdown Voltage
Packaging
P6 = 600 W
100 = 100 V
Blank = Ammopack tape
RL = Tape and reel
Types
A = Unidirectional
CA = Bidirectional
Table 4.
DO-15 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
6.05
6.75
0.238
0.266
B
2.95
3.53
0.116
0.139
C
26
31
1.024
1.220
D
0.71
0.88
0.028
0.035
D
B
A
CC



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com