Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P6KE6V8A Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części P6KE6V8A
Szczegółowy opis  transient voltage surge suppressor (TVS)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P6KE6V8A Arkusz danych(HTML) 4 Page - STMicroelectronics

  P6KE6V8A Datasheet HTML 1Page - STMicroelectronics P6KE6V8A Datasheet HTML 2Page - STMicroelectronics P6KE6V8A Datasheet HTML 3Page - STMicroelectronics P6KE6V8A Datasheet HTML 4Page - STMicroelectronics P6KE6V8A Datasheet HTML 5Page - STMicroelectronics P6KE6V8A Datasheet HTML 6Page - STMicroelectronics P6KE6V8A Datasheet HTML 7Page - STMicroelectronics P6KE6V8A Datasheet HTML 8Page - STMicroelectronics P6KE6V8A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
P6KE
4/9
Doc ID 3068 Rev 7
Figure 3.
Peak power dissipation vs. initial
junction temperature
(printed circuit board)
Figure 4.
Peak pulse power vs. exponential
pulse duration.
0
0
20
40
60
80
100
%
20
40
60
80
100 120 140 160 180 200
ø
Tj initial (°C)
0.001
0.01
0.1
1
10
100
Ppp (W)
Figure 5.
Clamping voltage vs. peak pulse
current(1)
Figure 6.
Capacitance vs. reverse applied
voltage for unidirectional types
(typical values).
1.
The curves in Figure 5 are specified for a junction temperature of 25°C before surge. The given results may be
extrapolated for other junction temperatures by using the following formula :
ΔVBR = αT x [Tamb -25] x VBR(25°C)
For intermediate voltages, extrapolate the given results.
0.1
1
10
100
1000
1
10
100
1000
V(V)
CL
Ipp (A)
t
%Ipp
100
50
0
t r
t< 10
s
r
t
Tj initial = 25øC
P6KE 440A
P6KE 220A
P6KE 68A
P6KE 39A
P6KE 22A
P6KE 12A
P6KE 6V8A
P6KE 100A
p
°
t = 20µs
p
t = 1ms
t = 10ms
p
p
Exponential waveform:
C (pF)
110
100
10
100
1000
10000
V(V)
R
Tj = 25°C
ø
F= 1 MHz
P6KE6V8A
P6KE 15A
P6KE68A
P6KE200A
50
00
Figure 7.
Capacitance vs. reverse applied
voltage for bidirectional types
(typical values).
Figure 8.
Peak forward voltage drop vs. peak
forward current for unidirectional
types (typical value).(1)
1.
Multiply by 2 for units with VBR > 220 V.
50
00
C (pF)
110
100
10
100
1000
10000
V(V)
R
Tj = 25°C
ø
F= 1 MHz
P6KE6V8CA
P6KE 15CA
P6KE68CA
P6KE200CA



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com