Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADRF6518 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADRF6518
Szczegółowy opis  63 MHz Dual Programmable Filters and Variable Gain Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADRF6518 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADRF6518 Datasheet HTML 4Page - Analog Devices ADRF6518 Datasheet HTML 5Page - Analog Devices ADRF6518 Datasheet HTML 6Page - Analog Devices ADRF6518 Datasheet HTML 7Page - Analog Devices ADRF6518 Datasheet HTML 8Page - Analog Devices ADRF6518 Datasheet HTML 9Page - Analog Devices ADRF6518 Datasheet HTML 10Page - Analog Devices ADRF6518 Datasheet HTML 11Page - Analog Devices ADRF6518 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
ADRF6518
Preliminary Technical Data
Rev. PrA | Page 8 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
FILTER MODE
VPS = 3.3 V, TA = 25°C, ZLOAD = 400 Ω, low power mode, digital gain code B[8:2] = 1111110, and B1 = 0, unless otherwise noted.
Figure 5. In-Band Gain vs. VGN1 over Supply and Temperature
(BW Setting = 63 MHz)
Figure 6. In-Band Gain vs. VGN2 over Supply and Temperature
(BW Setting = 63 MHz)
Figure 7. In-Band Gain vs. VGN3 over Supply and Temperature
(BW Setting = 63 MHz)
Figure 8. Gain Conformance vs. VGN1 over Supply and Temperature
(Bandwidth Setting = 63 MHz)
Figure 9. Gain Conformance vs. VGN2 over Supply and Temperature
(Bandwidth Setting = 63 MHz)
Figure 10. Gain Conformance vs. VGN3 over Supply and Temperature
(Bandwidth Setting = 63 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com