Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADRF6518 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADRF6518
Szczegółowy opis  63 MHz Dual Programmable Filters and Variable Gain Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADRF6518 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADRF6518 Datasheet HTML 5Page - Analog Devices ADRF6518 Datasheet HTML 6Page - Analog Devices ADRF6518 Datasheet HTML 7Page - Analog Devices ADRF6518 Datasheet HTML 8Page - Analog Devices ADRF6518 Datasheet HTML 9Page - Analog Devices ADRF6518 Datasheet HTML 10Page - Analog Devices ADRF6518 Datasheet HTML 11Page - Analog Devices ADRF6518 Datasheet HTML 12Page - Analog Devices ADRF6518 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Preliminary Technical Data
ADRF6518
Rev. PrA | Page 9 of 36
Figure 11. Gain vs. Frequency over VGN1/VGN2/VGN3
(BW Setting = 63 MHz)
Figure 12. Digital Gain vs. Frequency; VGN1/VGN2/VGN3 = 0 V
(BW Setting = 63 MHz)
Figure 13. Gain Matching Between Channels vs. VGN1/VGN2/VGN3
(BW Setting = 63 MHz)
Figure 14. OP1dB vs. Gain
(Bandwidth Setting = 63 MHz)
Figure 15. Frequency Response over Supply and Temperature;
VGN1/VGN2/VGN3 = 0 V
Figure 16. Frequency Response vs. BW Setting (Linear);
VGN1/VGN2/VGN3 = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com