Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCP1826 Arkusz danych(PDF) 14 Page - Microchip Technology

Numer części MCP1826
Szczegółowy opis  1000 mA, Low-Voltage, Low Quiescent Current LDO Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1826 Arkusz danych(HTML) 14 Page - Microchip Technology

Back Button MCP1826_13 Datasheet HTML 10Page - Microchip Technology MCP1826_13 Datasheet HTML 11Page - Microchip Technology MCP1826_13 Datasheet HTML 12Page - Microchip Technology MCP1826_13 Datasheet HTML 13Page - Microchip Technology MCP1826_13 Datasheet HTML 14Page - Microchip Technology MCP1826_13 Datasheet HTML 15Page - Microchip Technology MCP1826_13 Datasheet HTML 16Page - Microchip Technology MCP1826_13 Datasheet HTML 17Page - Microchip Technology MCP1826_13 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
MCP1826/MCP1826S
DS22057B-page 14
 2007-2013 Microchip Technology Inc.
Note: Unless otherwise indicated, COUT = 4.7 µF Ceramic (X7R), CIN = 4.7 µF Ceramic (X7R), IOUT = 1 mA,
Temperature = +25°C, VIN = VOUT + 0.6V, Fixed output.
FIGURE 2-25:
2.5V (Adj.) Start-up from
VIN.
FIGURE 2-26:
2.5V (Adj.) Start-up from
Shutdown.
FIGURE 2-27:
Power Good (PWRGD)
Timing.
FIGURE 2-28:
Dynamic Line Response.
FIGURE 2-29:
Dynamic Load Response
(10 mA to 1000 mA).
FIGURE 2-30:
Dynamic Load Response
(100 mA to 1000 mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com