| Zakładka z wyszukiwarką danych komponentów |
|
SPC5604BF2MLL6 Arkusz danych(PDF) 40 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPC5604BF2MLL6 Arkusz danych(HTML) 40 Page - Freescale Semiconductor, Inc |
|
40 / 109 page ![]() MPC5604B/C Microcontroller Data Sheet, Rev. 11 Package pinouts and signal descriptions Freescale Semiconductor 40 3.15.3 I/O output DC characteristics The following tables provide DC characteristics for bidirectional pads: • Table 17 provides weak pull figures. Both pull-up and pull-down resistances are supported. • Table 18 provides output driver characteristics for I/O pads when in SLOW configuration. • Table 19 provides output driver characteristics for I/O pads when in MEDIUM configuration. • Table 20 provides output driver characteristics for I/O pads when in FAST configuration. Table 17. I/O pull-up/pull-down DC electrical characteristics Symbol C Parameter Conditions1 1 VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified. Value Unit Min Typ Max |IWPU| CC P Weak pull-up current absolute value VIN = VIL, VDD = 5.0 V ± 10% PAD3V5V = 0 10 — 150 µA C PAD3V5V = 12 2 The configuration PAD3V5 = 1 when VDD = 5 V is only a transient configuration during power-up. All pads but RESET and Nexus output (MDOx, EVTO, MCKO) are configured in input or in high impedance state. 10 — 250 PVIN = VIL, VDD = 3.3 V ± 10% PAD3V5V = 1 10 — 150 |IWPD| CC P Weak pull-down current absolute value VIN = VIH, VDD = 5.0 V ± 10% PAD3V5V = 0 10 — 150 µA C PAD3V5V = 1 10 — 250 PVIN = VIH, VDD = 3.3 V ± 10% PAD3V5V = 1 10 — 150 Table 18. SLOW configuration output buffer electrical characteristics Symbol C Parameter Conditions1 1 VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified Value Unit Min Typ Max VOH CC P Output high level SLOW configuration Push Pull IOH = 2mA, VDD = 5.0 V ± 10%, PAD3V5V = 0 (recommended) 0.8VDD —— V CIOH = 2mA, VDD = 5.0 V ± 10%, PAD3V5V = 12 2 The configuration PAD3V5 = 1 when VDD = 5 V is only a transient configuration during power-up. All pads but RESET and Nexus output (MDOx, EVTO, MCKO) are configured in input or in high impedance state. 0.8VDD —— CIOH = 1mA, VDD = 3.3 V ± 10%, PAD3V5V = 1 (recommended) VDD0.8 — — VOL CC P Output low level SLOW configuration Push Pull IOL = 2 mA, VDD = 5.0 V ± 10%, PAD3V5V = 0 (recommended) — — 0.1VDD V CIOL = 2 mA, VDD = 5.0 V ± 10%, PAD3V5V = 12 — — 0.1VDD CIOL = 1 mA, VDD = 3.3 V ± 10%, PAD3V5V = 1 (recommended) —— 0.5 |