Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CY8CLEDAC02 Arkusz danych(PDF) 4 Page - Cypress Semiconductor

Numer części CY8CLEDAC02
Szczegółowy opis  AC-DC Controller for Dimmable LED Lighting
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CLEDAC02 Arkusz danych(HTML) 4 Page - Cypress Semiconductor

  CY8CLEDAC02 Datasheet HTML 1Page - Cypress Semiconductor CY8CLEDAC02 Datasheet HTML 2Page - Cypress Semiconductor CY8CLEDAC02 Datasheet HTML 3Page - Cypress Semiconductor CY8CLEDAC02 Datasheet HTML 4Page - Cypress Semiconductor CY8CLEDAC02 Datasheet HTML 5Page - Cypress Semiconductor CY8CLEDAC02 Datasheet HTML 6Page - Cypress Semiconductor CY8CLEDAC02 Datasheet HTML 7Page - Cypress Semiconductor CY8CLEDAC02 Datasheet HTML 8Page - Cypress Semiconductor CY8CLEDAC02 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
CY8CLEDAC02
Document Number: 001-54879 Rev. *C
Page 4 of 20
Pin Information
Figure 2. Pin Diagram - 8-Pin SOIC CY8CLEDAC02
Table 1. Pin Description - 8-Pin SOIC CY8CLEDAC02
1
2
3
4
8
7
6
5
VCC
OUTPUT
ISENSE
GND
BOOST
VSENSE
VIN
VT
PAD
Pin No.
Name
Type
Pin Description
1
BOOST
Output
Gate driver for driving the MOSFET switch in the chopping circuit
2
VSENSE
Analog Input
Auxiliary voltage sense (used for primary regulation and zero voltage switching)
3
VIN
Analog Input
Rectified AC line voltage sense, also used for device startup
4
VT
Analog Input
Used for temperature compensation and overtemperature protection, also used
as an external shut down pin
5
GND
Ground
Ground
6
ISENSE
Analog Input
Primary current sense. Used for cycle-by-cycle peak-current control and limiting
7
OUTPUT
Output
Gate driver for main MOSFET switch
8
VCC
Power Input
Power supply for control logic and voltage sense for power-on reset circuitry
PAD
Exposed Pad
Connect exposed pad electrically to GND
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com