Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R5F51113ADFL Arkusz danych(PDF) 39 Page - Renesas Technology Corp

Numer części R5F51113ADFL
Szczegółowy opis  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51113ADFL Arkusz danych(HTML) 39 Page - Renesas Technology Corp

Back Button R5F51113ADFL Datasheet HTML 35Page - Renesas Technology Corp R5F51113ADFL Datasheet HTML 36Page - Renesas Technology Corp R5F51113ADFL Datasheet HTML 37Page - Renesas Technology Corp R5F51113ADFL Datasheet HTML 38Page - Renesas Technology Corp R5F51113ADFL Datasheet HTML 39Page - Renesas Technology Corp R5F51113ADFL Datasheet HTML 40Page - Renesas Technology Corp R5F51113ADFL Datasheet HTML 41Page - Renesas Technology Corp R5F51113ADFL Datasheet HTML 42Page - Renesas Technology Corp R5F51113ADFL Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 110 page
background image
R01DS0190EJ0100 Rev.1.00
Page 39 of 107
Jun 19, 2013
RX111 Group
4. I/O Registers
0008 838Ch
RSPI0
RSPI Clock Delay Register
SPCKD
8
8
2 or 3 PCLKB
0008 838Dh
RSPI0
RSPI Slave Select Negation Delay Register
SSLND
8
8
2 or 3 PCLKB
0008 838Eh
RSPI0
RSPI Next-Access Delay Register
SPND
8
8
2 or 3 PCLKB
0008 838Fh
RSPI0
RSPI Control Register 2
SPCR2
8
8
2 or 3 PCLKB
0008 8390h
RSPI0
RSPI Command Register 0
SPCMD0
16
16
2 or 3 PCLKB
0008 8392h
RSPI0
RSPI Command Register 1
SPCMD1
16
16
2 or 3 PCLKB
0008 8394h
RSPI0
RSPI Command Register 2
SPCMD2
16
16
2 or 3 PCLKB
0008 8396h
RSPI0
RSPI Command Register 3
SPCMD3
16
16
2 or 3 PCLKB
0008 8398h
RSPI0
RSPI Command Register 4
SPCMD4
16
16
2 or 3 PCLKB
0008 839Ah
RSPI0
RSPI Command Register 5
SPCMD5
16
16
2 or 3 PCLKB
0008 839Ch
RSPI0
RSPI Command Register 6
SPCMD6
16
16
2 or 3 PCLKB
0008 839Eh
RSPI0
RSPI Command Register 7
SPCMD7
16
16
2 or 3 PCLKB
0008 8600h
MTU3
Timer Control Register
TCR
8
8
2 or 3 PCLKB
0008 8601h
MTU4
Timer Control Register
TCR
8
8
2 or 3 PCLKB
0008 8602h
MTU3
Timer Mode Register
TMDR
8
8
2 or 3 PCLKB
0008 8603h
MTU4
Timer Mode Register
TMDR
8
8
2 or 3 PCLKB
0008 8604h
MTU3
Timer I/O Control Register H
TIORH
8
8
2 or 3 PCLKB
0008 8605h
MTU3
Timer I/O Control Register L
TIORL
8
8
2 or 3 PCLKB
0008 8606h
MTU4
Timer I/O Control Register H
TIORH
8
8
2 or 3 PCLKB
0008 8607h
MTU4
Timer I/O Control Register L
TIORL
8
8
2 or 3 PCLKB
0008 8608h
MTU3
Timer Interrupt Enable Register
TIER
8
8
2 or 3 PCLKB
0008 8609h
MTU4
Timer Interrupt Enable Register
TIER
8
8
2 or 3 PCLKB
0008 860Ah
MTU
Timer Output Master Enable Register
TOER
8
8
2 or 3 PCLKB
0008 860Dh
MTU
Timer Gate Control Register
TGCR
8
8
2 or 3 PCLKB
0008 860Eh
MTU
Timer Output Control Register 1
TOCR1
8
8
2 or 3 PCLKB
0008 860Fh
MTU
Timer Output Control Register 2
TOCR2
8
8
2 or 3 PCLKB
0008 8610h
MTU3
Timer Counter
TCNT
16
16
2 or 3 PCLKB
0008 8612h
MTU4
Timer Counter
TCNT
16
16
2 or 3 PCLKB
0008 8614h
MTU
Timer Cycle Data Register
TCDR
16
16
2 or 3 PCLKB
0008 8616h
MTU
Timer Dead Time Data Register
TDDR
16
16
2 or 3 PCLKB
0008 8618h
MTU3
Timer General Register A
TGRA
16
16
2 or 3 PCLKB
0008 861Ah
MTU3
Timer General Register B
TGRB
16
16
2 or 3 PCLKB
0008 861Ch
MTU4
Timer General Register A
TGRA
16
16
2 or 3 PCLKB
0008 861Eh
MTU4
Timer General Register B
TGRB
16
16
2 or 3 PCLKB
0008 8620h
MTU
Timer Subcounter
TCNTS
16
16
2 or 3 PCLKB
0008 8622h
MTU
Timer Cycle Buffer Register
TCBR
16
16
2 or 3 PCLKB
0008 8624h
MTU3
Timer General Register C
TGRC
16
16
2 or 3 PCLKB
0008 8626h
MTU3
Timer General Register D
TGRD
16
16
2 or 3 PCLKB
0008 8628h
MTU4
Timer General Register C
TGRC
16
16
2 or 3 PCLKB
0008 862Ah
MTU4
Timer General Register D
TGRD
16
16
2 or 3 PCLKB
0008 862Ch
MTU3
Timer Status Register
TSR
8
8
2 or 3 PCLKB
0008 862Dh
MTU4
Timer Status Register
TSR
8
8
2 or 3 PCLKB
0008 8630h
MTU
Timer Interrupt Skipping Set Register
TITCR
8
8
2 or 3 PCLKB
0008 8631h
MTU
Timer Interrupt Skipping Counter
TITCNT
8
8
2 or 3 PCLKB
0008 8632h
MTU
Timer Buffer Transfer Set Register
TBTER
8
8
2 or 3 PCLKB
0008 8634h
MTU
Timer Dead Time Enable Register
TDER
8
8
2 or 3 PCLKB
0008 8636h
MTU
Timer Output Level Buffer Register
TOLBR
8
8
2 or 3 PCLKB
0008 8638h
MTU3
Timer Buffer Operation Transfer Mode Register
TBTM
8
8
2 or 3 PCLKB
0008 8639h
MTU4
Timer Buffer Operation Transfer Mode Register
TBTM
8
8
2 or 3 PCLKB
0008 8640h
MTU4
Timer A/D Converter Start Request Control Register
TADCR
16
16
2 or 3 PCLKB
0008 8644h
MTU4
Timer A/D Converter Start Request Cycle Set Register A
TADCORA
16
16
2 or 3 PCLKB
0008 8646h
MTU4
Timer A/D Converter Start Request Cycle Set Register B
TADCORB
16
16
2 or 3 PCLKB
Table 4.1
List of I/O Registers (Address Order) (7/16)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of
Access States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com