Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R5F51113ADFL Arkusz danych(PDF) 21 Page - Renesas Technology Corp

Numer części R5F51113ADFL
Szczegółowy opis  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51113ADFL Arkusz danych(HTML) 21 Page - Renesas Technology Corp

Back Button R5F51113ADFL Datasheet HTML 17Page - Renesas Technology Corp R5F51113ADFL Datasheet HTML 18Page - Renesas Technology Corp R5F51113ADFL Datasheet HTML 19Page - Renesas Technology Corp R5F51113ADFL Datasheet HTML 20Page - Renesas Technology Corp R5F51113ADFL Datasheet HTML 21Page - Renesas Technology Corp R5F51113ADFL Datasheet HTML 22Page - Renesas Technology Corp R5F51113ADFL Datasheet HTML 23Page - Renesas Technology Corp R5F51113ADFL Datasheet HTML 24Page - Renesas Technology Corp R5F51113ADFL Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 110 page
background image
R01DS0190EJ0100 Rev.1.00
Page 21 of 107
Jun 19, 2013
RX111 Group
1. Overview
Note 1. Not 5 V tolerant.
F2
P32
MTIOC0C/RTCOUT
IRQ2
F3
UPSEL
P35
NMI
F4
UB#
P14
MTIOC0A/MTIOC3A/
MTCLKA
CTS1#/RTS1#/SS1#/TXD12/
TXDX12/SIOX12/SMOSI12/
SSDA12/SSLA0/USB0_OVRCURA
IRQ4
F5
P54
MTIOC4B
F6
PC7
MTIOC3A/MTCLKB
TXD1/SMOSI1/SSDA1/MISOA/
USB0_OVRCURB
CACREF
F7
PC4
MTCLKC/MTIOC3D/POE0#
SCK5/SSLA0/USB0_VBUSEN/
USB0_VBUS*1
IRQ2/CLKOUT
F8
PB5
MTIOC1B/MTIOC2A/POE1#
G1
VCL
G2
P17
MTIOC0C/MTIOC3A/
MTIOC3B/POE8#
SCK1/MISOA/SDA0/RXD12/
RXDX12/SMISO12/SSCL12
IRQ7
G3
P16
MTIOC3C/MTIOC3D/
RTCOUT
TXD1/SMOSI1/SSDA1/SCL0/
MOSIA/USB0_VBUSEN/
USB0_OVRCURB/USB0_VBUS
IRQ6/ADTRG0#
G4
P15
MTIOC0B/MTCLKB
RXD1/SMISO1/SSCL1/RSPCKA
IRQ5/CLKOUT
G5
PC6
MTIOC3C/MTCLKA
RXD1/SMISO1/SSCL1/MOSIA/
USB0_EXICEN
G6
PC5
MTIOC3B/MTCLKD
SCK1/RSPCKA/USB0_ID
G7
PC3
MTIOC4D
TXD5/SMOSI5/SSDA5
G8
PB6/PC0
MTIOC3D
H1
VSS
H2
VCC
H3
VCC_USB
H4
USB0_DM
H5
USB0_DP
H6
VSS_USB
H7
PC2
MTIOC4B
RXD5/SMISO5/SSCL5/SSLA3
H8
PB7/PC1
MTIOC3B
Table 1.6
List of Pins and Pin Functions (64-Pin WFLGA) (2/2)
Pin
No.
Power Supply,
Clock, System
Control
I/O Port
Timers
(MTU, POE, RTC)
Communication
(SCIe, SCIf, RSPI, RIIC, USB)
Others



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com