Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IXRH40N120 Arkusz danych(PDF) 5 Page - IXYS Corporation

Numer części IXRH40N120
Szczegółowy opis  IGBT with Reverse Blocking capability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IXYS [IXYS Corporation]
Strona internetowa  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXRH40N120 Arkusz danych(HTML) 5 Page - IXYS Corporation

  IXRH40N120 Datasheet HTML 1Page - IXYS Corporation IXRH40N120 Datasheet HTML 2Page - IXYS Corporation IXRH40N120 Datasheet HTML 3Page - IXYS Corporation IXRH40N120 Datasheet HTML 4Page - IXYS Corporation IXRH40N120 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5 - 5
© 2005 IXYS All rights reserved
IXYS reserves the right to change limits, test conditions and dimensions.
IXRH 40N120
Fig. 13 Typ. turn off characteristics
of the internal diode
Fig. 14 Typ. turn off characteristics
of the internal diode
Fig. 15 Typical gate charge
Fig. 16 Typ. transient thermal impedance
Ri 0.034
0.048
0.092
0.174
0.075
τ 0.0001 0.0035
0.02
0.142
0.18
I
RM
t
rr
di
F/dt
A/µs
I
RM
t
A
ns
0
100
200
300
400
500
20
30
40
50
60
900
1200
1500
1800
2100
2400
0
100
200
300
400
500
30
31
32
33
34
35
36
di
F/dt
Q
rr
A/µs
Q
G
0.00
0.04
0.08
0.12
0.16
0
4
8
12
16
20
V
CE = 120 V
I
C
= 35 A
V
C
0.001
0.01
0.1
1
10
0.0
0.1
0.2
0.3
0.4
t
s
Z
thJC
K/W
0.45
IXRH40N120
V
CE = -600 V
V
GE = ±15 V
I
C
= 35 A
T
J
= 125°C
V
CE = -600 V
V
GE = ±15 V
T
J = 125°C
C
Fig. 17 turn-on/turn-off with
external diode (DSEP 30-12)
Fig. 18 turn-on/turn-off with internal diode
Device
under
test
current
sensing
Gate
Resistor
Driver
Voltage
source
Free
wheeling
diode
DUT
current
sensing
current
sensing
+15 V
Driver
Voltage
source
IGBT
is on
DUT
Gate
Resistor



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com