Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IXRH40N120 Arkusz danych(PDF) 1 Page - IXYS Corporation

Numer części IXRH40N120
Szczegółowy opis  IGBT with Reverse Blocking capability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IXYS [IXYS Corporation]
Strona internetowa  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXRH40N120 Arkusz danych(HTML) 1 Page - IXYS Corporation

  IXRH40N120 Datasheet HTML 1Page - IXYS Corporation IXRH40N120 Datasheet HTML 2Page - IXYS Corporation IXRH40N120 Datasheet HTML 3Page - IXYS Corporation IXRH40N120 Datasheet HTML 4Page - IXYS Corporation IXRH40N120 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1 - 5
© 2005 IXYS All rights reserved
IXYS reserves the right to change limits, test conditions and dimensions.
IXRH 40N120
V
CES
= ±1200 V
I
C25
= 55 A
V
CE(sat) =
2.3 V typ.
Features
• IGBT with NPT (non punch through)
structure
• reverse blocking capability
- function of series diode monolithically
integrated, no external series diode
required
- soft reverse recovery
• positive temperature coefficient of
saturation voltage
• Epoxy of TO-247 package meets
UL 94V-0
Applications
converters requiring reverse blocking
capability:
- current source inverters
- matrix converters
- bi-directional switches
- resonant converters
- induction heating
- auxiliary switches for soft switching
in the main current path
IGBT
Symbol
Conditions
Maximum Ratings
V
CES
T
VJ = 25°C to 150°C
±1200
V
V
GES
± 20
V
I
C25
T
C =
25°C
55
A
I
C90
T
C =
90°C
35
A
I
CM
V
GE = 0/15 V; RG = 22 Ω; TVJ = 125°C
80
A
V
CEK
RBSOA, Clamped inductive load; L = 100 µH
600
V
P
tot
T
C = 25°C
300
W
TO-247 AD
G
C
E
G = Gate,
C = Collector,
E = Emitter,
TAB = Collector
C (TAB)
IGBT with Reverse
Blocking capability
IXYS Semiconductor GmbH
Edisonstr. 15,
D-68623 Lampertheim
Phone: +49-6206-503-0, Fax: +49-6206-503627
IXYS Corporation
3540 Bassett Street, Santa Clara CA 95054
Phone: (408) 982-0700, Fax: 408-496-0670
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
V
CE(sat)
I
C = 30 A; VGE = 15 V; TVJ =
25°C
2.3
2.7
V
T
VJ = 125°C
2.8
V
V
GE(th)
I
C = 2 mA; VGE = VCE
48
V
I
CES
V
CE = VCES; VGE = 0 V; TVJ =
25°C
50
µA
T
VJ = 125°C
3.0
mA
I
GES
V
CE = 0 V; VGE = ± 20 V
500
nA
Q
Gon
V
CE = 120V; VGE = 15 V; IC = 35 A
90
nC
C
E
G


Podobny numer części - IXRH40N120

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IXYS Corporation
IXRH50N100 IXYS-IXRH50N100 Datasheet
53Kb / 2P
IGBT with Reverse Blocking capability
IXRH50N120 IXYS-IXRH50N120 Datasheet
53Kb / 2P
IGBT with Reverse Blocking capability
IXRH50N60 IXYS-IXRH50N60 Datasheet
46Kb / 2P
IGBT with Reverse Blocking capability
IXRH50N80 IXYS-IXRH50N80 Datasheet
46Kb / 2P
IGBT with Reverse Blocking capability
More results

Podobny opis - IXRH40N120

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
DRA5 SANYO-DRA5 Datasheet
99Kb / 3P
5.0A Reverse Blocking Thyristor
logo
IXYS Corporation
IXRH50N120 IXYS-IXRH50N120 Datasheet
53Kb / 2P
IGBT with Reverse Blocking capability
IXRH50N80 IXYS-IXRH50N80 Datasheet
46Kb / 2P
IGBT with Reverse Blocking capability
logo
Sanken electric
TFA8X SANKEN-TFA8X Datasheet
287Kb / 12P
Reverse Blocking Triode Thyristor
logo
NXP Semiconductors
BT139-800G NXP-BT139-800G Datasheet
194Kb / 14P
High blocking voltage capability
Rev. 5-23 March 2011
BT138B-600-118 PHILIPS-BT138B-600-118 Datasheet
212Kb / 14P
High blocking voltage capability
26 September 2013
logo
Sanken electric
TFA37S SANKEN-TFA37S Datasheet
399Kb / 12P
Reverse Blocking Triode Thyristor
TFA87S SANKEN-TFA87S Datasheet
399Kb / 12P
Reverse Blocking Triode Thyristor
logo
Richtek Technology Corp...
RT9715CA RICHTEK-RT9715CA Datasheet
240Kb / 12P
Reverse Blocking Current
logo
Maxim Integrated Produc...
MAX14606 MAXIM-MAX14606 Datasheet
1Mb / 11P
Overvoltage Protectors with Reverse Bias Blocking
Rev 0; 12/11
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com