Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L151VBT6DTR Arkusz danych(PDF) 37 Page - STMicroelectronics

Numer części STM32L151VBT6DTR
Szczegółowy opis  Ultra-low-power 32-bit MCU ARM-based Cortex-M3
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VBT6DTR Arkusz danych(HTML) 37 Page - STMicroelectronics

Back Button STM32L151VBT6DTR Datasheet HTML 33Page - STMicroelectronics STM32L151VBT6DTR Datasheet HTML 34Page - STMicroelectronics STM32L151VBT6DTR Datasheet HTML 35Page - STMicroelectronics STM32L151VBT6DTR Datasheet HTML 36Page - STMicroelectronics STM32L151VBT6DTR Datasheet HTML 37Page - STMicroelectronics STM32L151VBT6DTR Datasheet HTML 38Page - STMicroelectronics STM32L151VBT6DTR Datasheet HTML 39Page - STMicroelectronics STM32L151VBT6DTR Datasheet HTML 40Page - STMicroelectronics STM32L151VBT6DTR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 121 page
background image
STM32L151x6/8/B, STM32L152x6/8/B
Pin descriptions
Doc ID 17659 Rev 8
37/121
25 16 F3 K3
12
PA2
I/O FT
PA2
USART2_TX/ADC_IN2/TIM2_CH3/TIM9_CH1/
LCD_SEG1/COMP1_INP
26 17 G3 L3
13
PA3
I/O
PA3
USART2_RX/ADC_IN3/TIM2_CH4/TIM9_CH2/
LCD_SEG2/COMP1_INP
27 18 C2 E3
-
VSS_4
SVSS_4
28 19 D2 H3
-
VDD_4
SVDD_4
29 20 H3 M3
14
PA4
I/O
PA4
SPI1_NSS/USART2_CK/
ADC_IN4/DAC_OUT1/COMP1_INP
30 21 F4 K4
15
PA5
I/O
PA5
SPI1_SCK/ADC_IN5/
DAC_OUT2/TIM2_CH1_ETR/COMP1_INP
31 22 G4 L4
16
PA6
I/O FT
PA6
SPI1_MISO/ADC_IN6/TIM3_CH1/
LCD_SEG3/TIM10_CH1/COMP1_INP
32 23 H4 M4
17
PA7
I/O FT
PA7
SPI1_MOSI/ADC_IN7/TIM3_CH2/
LCD_SEG4/TIM11_CH1/COMP1_INP
33 24 H5 K5
-
PC4
I/O FT
PC4
ADC_IN14/LCD_SEG22/COMP1_INP
34 25 H6 L5
-
PC5
I/O FT
PC5
ADC_IN15/LCD_SEG23/COMP1_INP
35 26 F5 M5
18
PB0
I/O
PB0
ADC_IN8/TIM3_CH3/LCD_SEG5/
COMP1_INP/VREF_OUT
36 27 G5 M6
19
PB1
I/O FT
PB1
ADC_IN9/TIM3_CH4/LCD_SEG6/
COMP1_INP/VREF_OUT
37 28 G6 L6
20
PB2
I/O FT PB2/BOOT1
38
-
-
M7
-
PE7
I/O
PE7
ADC_IN22/COMP1_INP
39
-
-
L7
-
PE8
I/O
PE8
ADC_IN23/COMP1_INP
40
-
-
M8
-
PE9
I/O
PE9
ADC_IN24/TIM2_CH1_ETR/COMP1_INP
41
-
-
L8
-
PE10
I/O
PE10
ADC_IN25/TIM2_CH2/COMP1_INP
42
-
-
M9
-
PE11
I/O FT
PE11
TIM2_CH3
43
-
-
L9
-
PE12
I/O FT
PE12
TIM2_CH4/SPI1_NSS
44
-
- M10
-
PE13
I/O FT
PE13
SPI1_SCK
45
-
- M11
-
PE14
I/O FT
PE14
SPI1_MISO
46
-
- M12
-
PE15
I/O FT
PE15
SPI1_MOSI
47 29 G7 L10 21
PB10
I/O FT
PB10
I2C2_SCL/USART3_TX/TIM2_CH3/LCD_SEG10
48 30 H7 L11 22
PB11
I/O FT
PB11
I2C2_SDA/USART3_RX/TIM2_CH4/LCD_SEG11
Table 9.
STM32L15xxx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More