| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F883-ESSQTP Arkusz danych(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F883-ESSQTP Arkusz danych(HTML) 28 Page - Microchip Technology |
|
28 / 338 page ![]() PIC16F882/883/884/886/887 DS41291G-page 28 2006-2012 Microchip Technology Inc. TABLE 2-1: PIC16F882/883/884/886/887 SPECIAL FUNCTION REGISTERS SUMMARY BANK 0 Addr Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets Bank 0 00h INDF Addressing this location uses contents of FSR to address data memory (not a physical register) xxxx xxxx xxxx xxxx 01h TMR0 Timer0 Module Register xxxx xxxx uuuu uuuu 02h PCL Program Counter’s (PC) Least Significant Byte 0000 0000 0000 0000 03h STATUS IRP RP1 RP0 TO PD ZDC C 0001 1xxx 000q quuu(5) 04h FSR Indirect Data Memory Address Pointer xxxx xxxx uuuu uuuu 05h PORTA(3) RA7 RA6 RA5 RA4 RA3 RA2 RA1 RA0 xxxx xxxx 0000 0000 06h PORTB(3) RB7 RB6 RB5 RB4 RB3 RB2 RB1 RB0 xxxx xxxx 0000 0000 07h PORTC(3) RC7 RC6 RC5 RC4 RC3 RC2 RC1 RC0 xxxx xxxx 0000 0000 08h PORTD(3,4) RD7 RD6 RD5 RD4 RD3 RD2 RD1 RD0 xxxx xxxx 0000 0000 09h PORTE(3) — — — —RE3 RE2(4) RE1(4) RE0(4) ---- xxxx ---- 0000 0Ah PCLATH — — — Write Buffer for upper 5 bits of Program Counter ---0 0000 ---0 0000 0Bh INTCON GIE PEIE T0IE INTE RBIE T0IF INTF RBIF(1) 0000 000x 0000 000u 0Ch PIR1 — ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF -000 0000 0000 0000 0Dh PIR2 OSFIF C2IF C1IF EEIF BCLIF ULPWUIF — CCP2IF 0000 00-0 0000 0000 0Eh TMR1L Holding Register for the Least Significant Byte of the 16-bit TMR1 Register xxxx xxxx uuuu uuuu 0Fh TMR1H Holding Register for the Most Significant Byte of the 16-bit TMR1 Register xxxx xxxx uuuu uuuu 10h T1CON T1GINV TMR1GE T1CKPS1 T1CKPS0 T1OSCEN T1SYNC TMR1CS TMR1ON 0000 0000 uuuu uuuu 11h TMR2 Timer2 Module Register 0000 0000 0000 0000 12h T2CON — TOUTPS3 TOUTPS2 TOUTPS1 TOUTPS0 TMR2ON T2CKPS1 T2CKPS0 -000 0000 -000 0000 13h SSPBUF Synchronous Serial Port Receive Buffer/Transmit Register xxxx xxxx uuuu uuuu 14h SSPCON(2) WCOL SSPOV SSPEN CKP SSPM3 SSPM2 SSPM1 SSPM0 0000 0000 0000 0000 15h CCPR1L Capture/Compare/PWM Register 1 Low Byte (LSB) xxxx xxxx uuuu uuuu 16h CCPR1H Capture/Compare/PWM Register 1 High Byte (MSB) xxxx xxxx uuuu uuuu 17h CCP1CON P1M1 P1M0 DC1B1 DC1B0 CCP1M3 CCP1M2 CCP1M1 CCP1M0 0000 0000 0000 0000 18h RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 0000 000x 0000 0000 19h TXREG EUSART Transmit Data Register 0000 0000 0000 0000 1Ah RCREG EUSART Receive Data Register 0000 0000 0000 0000 1Bh CCPR2L Capture/Compare/PWM Register 2 Low Byte (LSB) xxxx xxxx uuuu uuuu 1Ch CCPR2H Capture/Compare/PWM Register 2 High Byte (MSB) xxxx xxxx uuuu uuuu 1Dh CCP2CON — — DC2B1 DC2B0 CCP2M3 CCP2M2 CCP2M1 CCP2M0 --00 0000 --00 000 1Eh ADRESH A/D Result Register High Byte xxxx xxxx uuuu uuuu 1Fh ADCON0 ADCS1 ADCS0 CHS3 CHS2 CHS1 CHS0 GO/ DONE ADON 0000 0000 00-0 0000 Legend: – = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented Note 1: MCLR and WDT Reset do not affect the previous value data latch. The RBIF bit will be cleared upon Reset but will set again if the mismatch exists. 2: When SSPCON register bits SSPM<3:0> = 1001, any reads or writes to the SSPADD SFR address are accessed through the SSPMSK register. See Registers 13-2 and 13-4 for more details. 3: Port pins with analog functions controlled by the ANSEL and ANSELH registers will read ‘0’ immediately after a Reset even though the data latches are either undefined (POR) or unchanged (other Resets). 4: PIC16F884/PIC16F887 only. 5: See Table 14-5 for Reset value for specific condition. |