| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F883-ESSQTP Arkusz danych(PDF) 88 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F883-ESSQTP Arkusz danych(HTML) 88 Page - Microchip Technology |
|
88 / 338 page ![]() PIC16F882/883/884/886/887 DS41291G-page 88 2006-2012 Microchip Technology Inc. REGISTER DEFINITIONS: TIMER2 CONTROL TABLE 7-1: SUMMARY OF ASSOCIATED TIMER2 REGISTERS REGISTER 7-1: T2CON: TIMER2 CONTROL REGISTER U-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 — TOUTPS3 TOUTPS2 TOUTPS1 TOUTPS0 TMR2ON T2CKPS1 T2CKPS0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7 Unimplemented: Read as ‘0’ bit 6-3 TOUTPS<3:0>: Timer2 Output Postscaler Select bits 0000 = 1:1 Postscaler 0001 = 1:2 Postscaler 0010 = 1:3 Postscaler 0011 = 1:4 Postscaler 0100 = 1:5 Postscaler 0101 = 1:6 Postscaler 0110 = 1:7 Postscaler 0111 = 1:8 Postscaler 1000 = 1:9 Postscaler 1001 = 1:10 Postscaler 1010 = 1:11 Postscaler 1011 = 1:12 Postscaler 1100 = 1:13 Postscaler 1101 = 1:14 Postscaler 1110 = 1:15 Postscaler 1111 = 1:16 Postscaler bit 2 TMR2ON: Timer2 On bit 1 = Timer2 is on 0 = Timer2 is off bit 1-0 T2CKPS<1:0>: Timer2 Clock Prescale Select bits 00 =Prescaler is 1 01 =Prescaler is 4 1x = Prescaler is 16 Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register on Page INTCON GIE PEIE T0IE INTE RBIE T0IF INTF RBIF 33 PIE1 — ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 34 PIR1 — ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 36 PR2 Timer2 Module Period Register 87 TMR2 Holding Register for the 8-bit TMR2 Register 87 T2CON — TOUTPS3 TOUTPS2 TOUTPS1 TOUTPS0 TMR2ON T2CKPS1 T2CKPS0 88 Legend: x = unknown, u = unchanged, — = unimplemented read as ‘0’. Shaded cells are not used for Timer2 module. |