Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1385ARSZ Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADM1385ARSZ
Szczegółowy opis  Low Power, 3.3 V, RS-232 Line Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM1385ARSZ Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADM1385ARSZ Datasheet HTML 5Page - Analog Devices ADM1385ARSZ Datasheet HTML 6Page - Analog Devices ADM1385ARSZ Datasheet HTML 7Page - Analog Devices ADM1385ARSZ Datasheet HTML 8Page - Analog Devices ADM1385ARSZ Datasheet HTML 9Page - Analog Devices ADM1385ARSZ Datasheet HTML 10Page - Analog Devices ADM1385ARSZ Datasheet HTML 11Page - Analog Devices ADM1385ARSZ Datasheet HTML 12Page - Analog Devices ADM1385ARSZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADM3202/ADM3222/ADM1385
Rev. E | Page 9 of 16
Transmitter (Driver) Section
The drivers convert 3.3 V logic input levels into RS-232 output
levels. With VCC = 3.3 V and driving an RS-232 load, the output
voltage swing is typically ±6 V.
Receiver Section
The receivers are inverting level-shifters that accept RS-232
input levels and translate them into 3 V logic output levels. The
inputs have internal 5 kΩ, pull-down resistors to ground and are
protected against overvoltages up to ±30 V. Unconnected inputs
are pulled to 0 V by the internal 5 kΩ, pull-down resistor. This
results in a Logic 1 output level for unconnected inputs or for
inputs connected to GND.
The receivers have Schmitt-trigger inputs with a hysteresis level
of 0.4 V. This ensures error-free reception for both noisy inputs
and for inputs with slow transition times.
HIGH BAUD RATE
The ADM3202/ADM3222 feature high slew rates permitting
data transmission at rates well in excess of the EIA/RS-232E
specifications. RS-232 voltage levels are maintained at data rates
up to 460 kbps even under worst-case loading conditions. This
allows high speed data links between two terminals and is
suitable for the new generation ISDN modem standards that
require data rates of 230 kbps. The slew rate is internally
controlled to less than 30 V/μs to minimize EMI interference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com