Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1385ARSZ Arkusz danych(PDF) 12 Page - Analog Devices

Numer części ADM1385ARSZ
Szczegółowy opis  Low Power, 3.3 V, RS-232 Line Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM1385ARSZ Arkusz danych(HTML) 12 Page - Analog Devices

Back Button ADM1385ARSZ Datasheet HTML 8Page - Analog Devices ADM1385ARSZ Datasheet HTML 9Page - Analog Devices ADM1385ARSZ Datasheet HTML 10Page - Analog Devices ADM1385ARSZ Datasheet HTML 11Page - Analog Devices ADM1385ARSZ Datasheet HTML 12Page - Analog Devices ADM1385ARSZ Datasheet HTML 13Page - Analog Devices ADM1385ARSZ Datasheet HTML 14Page - Analog Devices ADM1385ARSZ Datasheet HTML 15Page - Analog Devices ADM1385ARSZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADM3202/ADM3222/ADM1385
Rev. E | Page 12 of 16
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
CORNER LEADS MAY BE CONFIGURED AS WHOLE OR HALF LEADS.
COMPLIANT TO JEDEC STANDARDS MS-001
0.022 (0.56)
0.018 (0.46)
0.014 (0.36)
0.150 (3.81)
0.130 (3.30)
0.115 (2.92)
0.070 (1.78)
0.060 (1.52)
0.045 (1.14)
18
1
9
10
0.100 (2.54)
BSC
0.920 (23.37)
0.900 (22.86)
0.880 (22.35)
0.210 (5.33)
MAX
SEATING
PLANE
0.015
(0.38)
MIN
0.005 (0.13)
MIN
0.280 (7.11)
0.250 (6.35)
0.240 (6.10)
0.060 (1.52)
MAX
0.430 (10.92)
MAX
0.014 (0.36)
0.010 (0.25)
0.008 (0.20)
0.325 (8.26)
0.310 (7.87)
0.300 (7.62)
0.015 (0.38)
GAUGE
PLANE
0.195 (4.95)
0.130 (3.30)
0.115 (2.92)
Figure 24. 18-Lead Plastic Dual In-Line Package [PDIP]
Narrow Body
(N-18)
Dimensions shown in inches and (millimeters)
COMPLIANT TO JEDEC STANDARDS MO-150-AE
20
11
10
1
7.50
7.20
6.90
8.20
7.80
7.40
5.60
5.30
5.00
SEATING
PLANE
0.05 MIN
0.65 BSC
2.00 MAX
0.38
0.22
COPLANARITY
0.10
1.85
1.75
1.65
0.25
0.09
0.95
0.75
0.55
8°
4°
0°
Figure 25. 20-Lead Shrink Small Outline Package [SSOP]
(RS-20)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com