Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AX3F Arkusz danych(PDF) 6 Page - Amphenol Corporation

Numer części AX3F
Szczegółowy opis  AX SERIES XLR CABLE CONNECTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMPHENOL [Amphenol Corporation]
Strona internetowa  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

AX3F Arkusz danych(HTML) 6 Page - Amphenol Corporation

  AX3F Datasheet HTML 1Page - Amphenol Corporation AX3F Datasheet HTML 2Page - Amphenol Corporation AX3F Datasheet HTML 3Page - Amphenol Corporation AX3F Datasheet HTML 4Page - Amphenol Corporation AX3F Datasheet HTML 5Page - Amphenol Corporation AX3F Datasheet HTML 6Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ENTERTAINMENT INTERCONNECT CATALOGUE - Amphenol Australia Pty Ltd Telephone 61 3 8796 8888 Fax 61 3 8796 8801
www.amphenolaudio.com
5
Environmental
Complies with RoHS Directive 2002/95/EC
Flammability rating of insulator plastics
and housings
UL94V-0
AX SERIES XLR CABLE CONNECTORS
STANDARD DATA
STANDARD DATA AX SERIES CABLE CONNECTORS
Max. Wire Gauge - Stranded wire:
Solder
Termination
SOLDER
14AWG
16AWG
18AWG
Number of contacts
AC Series Contact Arrangements
(Front view of pin inserts)
3
4
GENERAL
CHARACTERISTICS
VALUE
Not suitable for domestic applications above 50V
Approximate weight only, does not include packaging. Please contact us for exact weight for shipping purposes.
1)
2)
Insulators
UL94V-0 PA66, 30% Glass Filled
Cable clamp
Noryl N190
Boot / Backshell
Finish
UL94V-0 Noryl N190 / Santoprene
Black, other colours available - see page 80
Sleeve
Noryl N190
Male Contact
Machined - Solder / Plating
Brass / Silver or Gold (Optional)
Female Contact
Stamped - Solder / Plating
Phosphor Bronze / Tin or Gold (Optional)
Connector shell - Metal
Shell finish
Diecast Zinc Alloy
Satin nickel or Black
MATERIALS
Service Voltage RMS
133V
Test Voltage AC RMS
1400V
Current carrying capacity:
ELECTRICAL
CHARACTERISTICS
CLIMATIC
CHARACTERISTICS
MECHANICAL
CHARACTERISTICS
Solder
15A
10A
7.5A
Typicial Contact Resistance
≤3m 
Insulation Resistance
≥1G 
Operating Temperature
-25˚C to +75˚C (-13°F to -167°F)
Insertion and Withdrawal force
≥10N - ≤30N
Weight
31g
33g
33g
(0.068lb)
(0.073lb)
(0.073lb)
Mechanical Operations
1000 mating cycles
Cable O.D. range
Typical Cable retention force
22Kg to 44Kg (50lb to 100lb) - Dependent on cable material and diameter.
3mm to 8mm (0.118” to 0.314”)
Protection Class
IP40
1)
2)
7



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com