Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AX3F Arkusz danych(PDF) 2 Page - Amphenol Corporation

Numer części AX3F
Szczegółowy opis  AX SERIES XLR CABLE CONNECTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMPHENOL [Amphenol Corporation]
Strona internetowa  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

AX3F Arkusz danych(HTML) 2 Page - Amphenol Corporation

  AX3F Datasheet HTML 1Page - Amphenol Corporation AX3F Datasheet HTML 2Page - Amphenol Corporation AX3F Datasheet HTML 3Page - Amphenol Corporation AX3F Datasheet HTML 4Page - Amphenol Corporation AX3F Datasheet HTML 5Page - Amphenol Corporation AX3F Datasheet HTML 6Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Features:
• Unique Australian designed shell and housing.
• Ergonomic stylish sleeve design for improved grip.
• Oversized latch lever preserves your thumb.
• Leading first mate last break pin 1 on socket connectors.
• Chuck style cable clamp to suit 3mm - 8mm (0.118” - 0.314”) cable
O.D. with integrated split to allow inclusion after soldering.
• Overmolded cable support boot.
• New socket contact design for improved contact resistance.
• Precision machined pin contacts as standard.
• Compact 2.5mm2 (14AWG) solder buckets to reduce soldering time
and wastage.
• Zinc diecast shell housing with Satin nickel or Matt black finish.
Options:
• Coloured I.D sleeves.
• Clear I.D Sleeve for connector marking.
• Satin nickel or Matt black shell finish.
• Single or Bulk packaging.
Part Number Breakdown: Page 6
Specifications: Page 7
Assembly Instructions: PI538*
AX SERIES XLR CABLE CONNECTORS
METAL SHELL TYPE - SOLDER
ENTERTAINMENT INTERCONNECT CATALOGUE - Amphenol Australia Pty Ltd Telephone 61 3 8796 8888 Fax 61 3 8796 8801
www.amphenolaudio.com
Bulk Pack
AX3M-AU
AX3M BULK
PRODUCT - FIGURE
DRAWING
Dimensions in mm (inches)
DESCRIPTION
VARIATIONS
PART NUMBER
4
Standard
Gold Plated Contacts
AX3M
Bulk Pack
AX3MB-AU
AX3MB BULK
Standard
Gold Plated Contacts
AX3MB
Bulk Pack
Bulk Pack
AX3F-AU
AX4M-AU
AX3F BULK
AX4M BULK
Standard
Standard
Gold Plated Contacts
Gold Plated Contacts
AX3F
AX4M
Bulk Pack
AX3FB-AU
AX3FB BULK
Standard
Gold Plated Contacts
AX3FB
XLR 3 pole male
Machined contacts
Nickel Finish
XLR 3 pole male
Machined contacts
Black Finish
XLR 3 pole female
Stamped contacts
Nickel Finish
XLR 3 pole female
Stamped contacts
Black Finish
*PI538 is available for download at www.amphenolaudio.com
XLR 4 pole male
Machined contacts
Nickel Finish



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com