Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DBCTDF1SS503 Arkusz danych(PDF) 3 Page - Dubilier

Numer części DBCTDF1SS503
Szczegółowy opis  D TYPE CONNECTORS - TURNED PIN SOLDER BUCKET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DUBILIER [Dubilier]
Strona internetowa  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCTDF1SS503 Arkusz danych(HTML) 3 Page - Dubilier

  DBCTDF1SS503 Datasheet HTML 1Page - Dubilier DBCTDF1SS503 Datasheet HTML 2Page - Dubilier DBCTDF1SS503 Datasheet HTML 3Page - Dubilier DBCTDF1SS503 Datasheet HTML 4Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
267
SOCKET
G
10ϒ
B
F
3.2ø
2.5
E
10ϒ
B
D
3.2ø
2.5
PLUG
SHELL DIMENSIONS
A
C
B
"
"
4
6
1
0.6
4.5
10
STRAIGHT pins for to PCB
D TYPE CONNECTORS - TURNED PIN
PCB - RIGHT ANGLE PIN
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
9, 15, 25, 37 or 50 way
Turned Pin (Machined) Contact
Gold Plated Contacts
Yellow Zinc Metal or Tin Housings available
Current Rating - 5Amps
DBC
Dubilier
Connectors
TD
Series
TD = Turn Pin D
M1
Connector Type
M1 = Male(plug) zinc
F1 = Female(socket) zinc
M2 = Male (Plug) Tin
F2 = Female (Socket) Tin
SR
Contact Style
SR = Solder Right
Angled
Nº of Ways
09 = 9ways
15 = 15ways
25 = 25ways
37 = 37ways
50 = 50ways
09
3
A = Bracket,
board and
screwlocks
A
Mechanical:
Termination:
Hand Solder
Dip Solder straight
Dip Solder 90°C
Wire Wrap 0.6 x 0.6mm
Polarisation:
by trapezoidal shell
Coupling:
by friction, locking by special accessories
Withdrawal force:
ca. 0.5 N per contact
Material and Finishes:
Shell steel with yellow passivation over
zinc plate (standard),
steel nickel plated and tinned
Insulators:
Two part mouldings, polyester,
glass fibre re-enforced,
flame retarded according UL 94 V0
Contacts:
Gold plated over nickel
Insertion Cycles:
500
Electrical:
Creeping Current Stability: KB 220 according to DIN 53480
Working Current:
5A per contact with 20AWG cable
Working Voltages:
300V rms
Test Voltage:
1000V rms
Contact Resistance:
below 5 x 10 -3Ω
Insulation Resistance:
over 10MΩ
Temperature Range:
- 55°C to 125°C
A
B
C
D
E
F
G
9 WAY
30.8
25.0
12.4
22.2
13.0
20.5
11.4
15 WAY
39.2
33.3
12.4
30.5
13.0
28.8
11.4
25 WAY
53.1
47.0
12.4
44.3
13.0
42.5
11.4
37 WAY
69.5
63.5
12.4
60.7
13.0
59.1
11.4
50 WAY
67
61.1
15.4
58.3
13.0
56.3
14.1
Dimension - mm
PANEL CUT OUT
4
2.54
9.4
5
50 WAY
90° right angled pins for PCB
www.dubilier.co.uk



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com