Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DBCTDF1SS503 Arkusz danych(PDF) 1 Page - Dubilier

Numer części DBCTDF1SS503
Szczegółowy opis  D TYPE CONNECTORS - TURNED PIN SOLDER BUCKET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DUBILIER [Dubilier]
Strona internetowa  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCTDF1SS503 Arkusz danych(HTML) 1 Page - Dubilier

  DBCTDF1SS503 Datasheet HTML 1Page - Dubilier DBCTDF1SS503 Datasheet HTML 2Page - Dubilier DBCTDF1SS503 Datasheet HTML 3Page - Dubilier DBCTDF1SS503 Datasheet HTML 4Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
265
D TYPE CONNECTORS - TURNED PIN
SOLDER BUCKET
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
9, 15, 25, 37 or 50 way
Turned Pin (Machined) Contact
Gold Plated Contacts
Yellow Zinc Metal or Tin Housings available
Current Rating - 5 Amps
Mechanical:
Termination:
Hand Solder
Dip Solder straight
Dip Solder 90°C
Wire Wrap 0.6 x 0.6mm
Polarisation:
by trapezoidal shell
Coupling:
by friction, locking by special accessories
Withdrawal force:
ca. 0.5 N per contact
Material and Finishes:
Shell steel with yellow passivation over
zinc plate (standard),
steel nickel plated and tinned
Insulators:
Two part mouldings, polyester,
glass fibre re-enforced,
flame retarded according UL 94 V0
Contacts:
gold plated over nickel
Insertion Cycles:
500
Electrical:
Creeping Current Stability: KB 220 according to DIN 53480
Working Current:
5A per contact with 20AWG cable
Working Voltages:
300V rms
Test Voltage:
1000V rms
Contact Resistance:
below 5 x 10 -3Ω
Insulation Resistance:
over 10MΩ
Temperature Range:
- 55°C to 125°C
SOCKET
G
10ϒ
B
F
3.2ø
2.5
E
10ϒ
B
D
3.2ø
2.5
PLUG
SHELL DIMENSIONS
A
C
B
"
"
4
6
1
1.51Ø
1.16Ø
7
SOLDER BUCKET
G
3.2ø
E
10ϒ
B
D
3.2ø
2.5
PLUG
SHELL DIMENSIONS
C
"
"
4
6
1
1.51Ø
1.16Ø
7
SOLDER BUCKET
DBC
Dubilier
Connectors
TD
Series
TD = Turn Pin D
M1
Connector Type
M1 = Male(plug) zinc
F1 = Female(socket) zinc
M2 = Male (plug) Tin
F2 = Female (Socket) Tin
SB
Contact Style
SB = Solder Bucket
Nº of Ways
09 = 9ways
15 = 15ways
25 = 25ways
37 = 37ways
50 = 50ways
09
3
A
B
C
D
E
F
G
9 WAY
30.8
25.0
12.4
22.2
13.0
20.5
11.4
15 WAY
39.2
33.3
12.4
30.5
13.0
28.8
11.4
25 WAY
53.1
47.0
12.4
44.3
13.0
42.5
11.4
37 WAY
69.5
63.5
12.4
60.7
13.0
59.1
11.4
50 WAY
67
61.1
15.4
58.3
13.0
56.3
14.1
Dimension - mm
PANEL CUT OUT
www.dubilier.co.uk


Podobny numer części - DBCTDF1SS503

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Dubilier
DBCTDF1SS503 DUBILIER-DBCTDF1SS503 Datasheet
115Kb / 1P
D TYPE CONNECTORS - TURNED PIN PCB STRAIGHT PIN
More results

Podobny opis - DBCTDF1SS503

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Dubilier
DBCFDMSB09E3 DUBILIER-DBCFDMSB09E3 Datasheet
121Kb / 1P
FILTERED D CONNECTORS SOLDER BUCKET
DBCHDFSB26S DUBILIER-DBCHDFSB26S Datasheet
148Kb / 1P
D TYPE CONNECTORS LOW COST HIGH DENSITY SOLDER BUCKET
DBCSDMSB09S DUBILIER-DBCSDMSB09S Datasheet
128Kb / 1P
D TYPE CONNECTORS LOW COST D TYPE CONNECTORS - SOLDER BUCKET
DBCTDM1SR093A DUBILIER-DBCTDM1SR093A Datasheet
116Kb / 1P
D TYPE CONNECTORS - TURNED PIN PCB - RIGHT ANGLE PIN
DBCTDM1SS093 DUBILIER-DBCTDM1SS093 Datasheet
115Kb / 1P
D TYPE CONNECTORS - TURNED PIN PCB STRAIGHT PIN
DBCTDM1WW093 DUBILIER-DBCTDM1WW093 Datasheet
114Kb / 1P
D TYPE CONNECTORS - TURNED PIN WIRE WRAP
logo
FCI connector
C-DSUB-0064 FCI-CONNECTOR-C-DSUB-0064 Datasheet
288Kb / 1P
D SUB SOLDER BUCKET CONNECTOR
logo
Dubilier
DBCFDMSB09E3 DUBILIER-DBCFDMSB09E3_11 Datasheet
447Kb / 3P
FILTERED D CONNECTORS SOLDER BUCKET
DBCHDFSB26S DUBILIER-DBCHDFSB26S_11 Datasheet
617Kb / 4P
D TYPE CONNECTORS LOW COST HIGH DENSITY SOLDER BUCKET
logo
FCI connector
DB25P064HTXLF FCI-CONNECTOR-DB25P064HTXLF Datasheet
115Kb / 1P
D-SUB SOLDER BUCKET CONNECTOR
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com