| Zakładka z wyszukiwarką danych komponentów |
|
LP2998MA Arkusz danych(PDF) 14 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP2998MA Arkusz danych(HTML) 14 Page - Texas Instruments |
|
14 / 26 page ![]() VTT LP2998 PVIN VDDQ VREF AVIN VREF = 0.9V VSENSE GND + + + VDDQ = 1.8V AVIN = 3.3V or 5.5V VTT = 0.9V SD SD PVIN = 3.3V CIN COUT CREF VTT LP2998 PVIN VDDQ VREF AVIN VSENSE GND + + + SD SD 0.01 PF AVIN = 2.5V VDDQ = 1.8V VTT = 0.9V VREF = 0.9V 220 PF 47 PF LP2998 SNVS521I – DECEMBER 2007 – REVISED APRIL 2013 www.ti.com DDR-II APPLICATIONS With the separate VDDQ pin and an internal resistor divider it is possible to use the LP2998 in applications utilizing DDR-II memory. Figure 22 and Figure 23 show several implementations of recommended circuits with output curves displayed in the Typical Performance Characteristics. Figure 22 shows the recommended circuit configuration for DDR-II applications. The output stage is connected to the 1.8V rail and the AVIN pin can be connected to either a 2.5, 3.3V or 5.5V rail. Figure 22. Recommended DDR-II Termination If it is not desirable to use the 1.8V rail it is possible to connect the output stage to a 3.3V rail. Care should be taken to not exceed the maximum operating junction temperature as the thermal dissipation increases with lower VTT output voltages. For this reason it is not recommended to power PVIN with a rail higher than the nominal 3.3V. The advantage of this configuration is that it has the ability to source and sink a higher maximum continuous current. Figure 23. DDR-II Termination With Higher Voltage Rails LEVEL SHIFTING If standards other than SSTL-2 are required, such as SSTL-3, it may be necessary to use a different scaling factor than 0.5 times VDDQ for regulating the output voltage. Several options are available to scale the output to any voltage required. One method is to level shift the output by using feedback resistors from VTT to the VSENSE pin. This has been illustrated in Figure 24 and Figure 25. Figure 24 shows how to use two resistors to level shift VTT above the internal reference voltage of VDDQ/2. To calculate the exact voltage at VTT the following equation can be used. VTT = VDDQ/2 (1 + R1/R2) (11) 14 Submit Documentation Feedback Copyright © 2007–2013, Texas Instruments Incorporated Product Folder Links: LP2998 |