Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP2998MA Arkusz danych(PDF) 20 Page - Texas Instruments

Numer części LP2998MA
Szczegółowy opis  LP2998 DDR-I and DDR-II Termination Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LP2998MA Arkusz danych(HTML) 20 Page - Texas Instruments

Back Button LP2998MA Datasheet HTML 16Page - Texas Instruments LP2998MA Datasheet HTML 17Page - Texas Instruments LP2998MA Datasheet HTML 18Page - Texas Instruments LP2998MA Datasheet HTML 19Page - Texas Instruments LP2998MA Datasheet HTML 20Page - Texas Instruments LP2998MA Datasheet HTML 21Page - Texas Instruments LP2998MA Datasheet HTML 22Page - Texas Instruments LP2998MA Datasheet HTML 23Page - Texas Instruments LP2998MA Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP2998MAE/NOPB
SOIC
D
8
250
178.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LP2998MAX/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LP2998MRE/NOPB
SO
Power
PAD
DDA
8
250
178.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LP2998MRX/NOPB
SO
Power
PAD
DDA
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
8-Apr-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26