| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F684 Arkusz danych(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F684 Arkusz danych(HTML) 7 Page - Microchip Technology |
|
7 / 192 page ![]() © 2007 Microchip Technology Inc. DS41202F-page 5 PIC16F684 1.0 DEVICE OVERVIEW The PIC16F684 is covered by this data sheet. It is available in 14-pin PDIP, SOIC, TSSOP and 16-pin QFN packages. Figure 1-1 shows a block diagram of the PIC16F684 device. Table 1-1 shows the pinout description. FIGURE 1-1: PIC16F684 BLOCK DIAGRAM Flash Program Memory 13 Data Bus 8 14 Program Bus Instruction Reg Program Counter RAM File Registers Direct Addr 7 RAM Addr 9 Addr MUX Indirect Addr FSR Reg STATUS Reg MUX ALU W Reg Instruction Decode & Control Timing Generation OSC1/CLKIN OSC2/CLKOUT PORTA 8 8 8 3 8-Level Stack 128 Bytes 2k X 14 (13-Bit) Power-up Timer Oscillator Start-up Timer Power-on Reset Watchdog Timer MCLR VSS Brown-out Reset Timer0 Timer1 Data EEPROM 256 Bytes EEDATA EEADDR RA0 RA1 RA2 RA3 RA4 RA5 2 Analog Comparators Analog-To-Digital Converter AN0 AN1 AN2 AN3 C1IN- C1IN+ C1OUT T0CKI INT T1CKI Configuration Internal Oscillator VREF and Reference T1G PORTC RC0 RC1 RC2 RC3 RC4 RC5 AN4 AN5 AN6 AN7 VDD 8 Timer2 C2IN- C2IN+ C2OUT ECCP Block CCP1/P1A P1B P1C P1D |