| Zakładka z wyszukiwarką danych komponentów |
|
DSPIC33FJ06GS201TI/SP Arkusz danych(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS201TI/SP Arkusz danych(HTML) 3 Page - Microchip Technology |
|
3 / 346 page ![]() © 2009 Microchip Technology Inc. Preliminary DS70318D-page 1 dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Operating Range: • Up to 40 MIPS Operation (at 3.0-3.6V): - Industrial temperature range (-40°C to +85°C) - Extended temperature range (-40°C to +125°C) High-Performance DSC CPU: • Modified Harvard Architecture • C Compiler Optimized Instruction Set • 16-Bit Wide Data Path • 24-Bit Wide Instructions • Linear Program Memory Addressing up to 4M Instruction Words • Linear Data Memory Addressing up to 64 Kbytes • 83 Base Instructions: Mostly 1 Word/1 Cycle • Two 40-Bit Accumulators with Rounding and Saturation Options • Flexible and Powerful Addressing modes: -Indirect - Modulo - Bit-Reversed • Software Stack • 16 x 16 Fractional/Integer Multiply Operations • 32/16 and 16/16 Divide Operations • Single-Cycle Multiply and Accumulate: - Accumulator write back for DSP operations - Dual data fetch • Up to ±16-Bit Shifts for up to 40-Bit Data Digital I/O: • Peripheral Pin Select Functionality • Up to 35 Programmable Digital I/O Pins • Wake-up/Interrupt-on-Change for up to 30 Pins • Output Pins can Drive Voltage from 3.0V to 3.6V • Up to 5V Output with Open-Drain Configuration • 5V Tolerant Digital Input Pins (except RB5) • 16 mA Source/Sink on All PWM pins On-Chip Flash and SRAM: • Flash Program Memory (up to 16 Kbytes) • Data SRAM (up to 2 Kbytes) • Boot and General Security for Program Flash Peripheral Features: • Timer/Counters, up to Three 16-Bit Timers: - Can pair up to make one 32-bit timer • Input Capture (up to two channels): - Capture on up, down or both edges - 16-bit capture input functions - 4-deep FIFO on each capture • Output Compare (up to two channels): - Single or Dual 16-Bit Compare mode - 16-Bit Glitchless PWM mode • 4-Wire SPI: - Framing supports I/O interface to simple codecs - 1-deep FIFO Buffer. - Supports 8-bit and 16-bit data - Supports all serial clock formats and sampling modes •I2C™: - Supports Full Multi-Master Slave mode - 7-bit and 10-bit addressing - Bus collision detection and arbitration - Integrated signal conditioning - Slave address masking •UART: - Interrupt on address bit detect - Interrupt on UART error - Wake-up on Start bit from Sleep mode - 4-character TX and RX FIFO buffers - LIN bus support -IrDA® encoding and decoding in hardware - High-Speed Baud mode - Hardware Flow Control with CTS and RTS Interrupt Controller: • 5-Cycle Latency • Up to 35 Available Interrupt Sources • Up to Three External Interrupts • Seven Programmable Priority Levels • Four Processor Exceptions High-Performance, 16-Bit Digital Signal Controllers |