| Zakładka z wyszukiwarką danych komponentów |
|
DSPIC33FJ06GS201TI/SP Arkusz danych(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS201TI/SP Arkusz danych(HTML) 11 Page - Microchip Technology |
|
11 / 346 page ![]() © 2009 Microchip Technology Inc. Preliminary DS70318D-page 9 dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Pin Diagrams (Continued) 44-Pin QFN(2) 44 dsPIC33FJ16GS404 43 42 41 40 39 38 37 36 35 12 13 14 15 16 17 18 19 20 21 3 30 29 28 27 26 25 24 23 4 5 7 8 9 10 11 1 2 32 31 6 22 33 34 AN4/RP9(1)/CN9/RB9 AN5/RP10(1)/CN10/RB10 OSC1/CLKI/AN6/RP1(1)/CN1/RB1 OSC2/CLKO/AN7/RP2(1)/CN2/RB2 AN8/CMP4C/RP17(1)/CN17/RC1 RP26(1)/CN26/RC10 VDD RP25(1)/CN25/RC9 VSS PWM2H/RP13(1)/CN13/RB13 TCK/PWM3L/RP12(1)/CN12/RB12 TMS/PWM3H/RP11(1)/CN11/RB11 VCAP/VDDCORE VSS RP20(1)/CN20/RC4 RP19(1)/CN19/RC3 RP22(1)/CN22/RC6 RP21(1)/CN21/RC5 PGEC1/SDA/RP7(1)/CN7/RB7 PWM2L/RP14(1)/CN14/RB14 AN3/RP0(1)/CN0/RB0 AN2/RA2 Note 1: The RPn pins can be used by any remappable peripheral. See the “dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Controller Families” table for the list of available peripherals. 2: The metal plane at the bottom of the device is not connected to any pins and is recommended to be connected to VSS externally. = Pins are up to 5V tolerant |