| Zakładka z wyszukiwarką danych komponentów |
|
TLE2082CDR Arkusz danych(PDF) 34 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2082CDR Arkusz danych(HTML) 34 Page - Texas Instruments |
|
34 / 79 page ![]() TLE208x, TLE208xA, TLE208xY EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS SLOS182B – FEBRUARY 1997 – REVISED JUNE 2001 34 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE2082Y electrical characteristics at VCC± = ±15 V, TA = 25°C PARAMETER TEST CONDITIONS TLE2082Y UNIT PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VIO Input offset voltage VIC = 0, VO = 0, RS = 50 Ω 1.1 6 mV IIO Input offset current VIC =0 VO = 0 See Figure 4 6 100 pA IIB Input bias current VIC = 0, VO = 0, See Figure 4 20 175 pA 15 15 VICR Common-mode input voltage range RS = 50 Ω to to V ICR gg S – 11 11.9 IO = – 200 µA 13.8 14.1 VOM + Maximum positive peak output voltage swing IO = – 2 mA 13.5 13.9 V IO = – 20 mA 11.5 12.3 IO = 200 µA – 13.8 – 14.2 VOM – Maximum negative peak output voltage swing IO = 2 mA – 13.5 – 14 V IO = 20 mA – 11.5 – 12.4 RL = 600 Ω 80 96 AVD Large-signal differential voltage amplification VO = ± 10 V RL = 2 kΩ 90 109 dB RL = 10 kΩ 95 118 ri Input resistance VIC = 0 1012 Ω ci Input capacitance Common mode VO = 0 See Figure 5 7.5 pF ci Input capacitance Differential VO = 0, See Figure 5 2.5 pF zo Open-loop output impedance f = 1 MHz 80 Ω CMRR Common-mode rejection ratio VIC = VICRmin, VO = 0, RS = 50 Ω 80 98 dB kSVR Supply-voltage rejection ratio ( ∆VCC± /∆VIO) VCC ± = ±5 V to ±15 V, VO = 0, RS = 50 Ω 82 99 dB ICC Supply current (both channels) VO = 0, No load 2.7 3.1 3.9 mA IOS Short circuit output current VO =0 VID = 1 V – 30 – 45 mA IOS Short-circuit output current VO = 0 VID = – 1 V 30 48 mA |