| Zakładka z wyszukiwarką danych komponentów |
|
TLE2082CDR Arkusz danych(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2082CDR Arkusz danych(HTML) 39 Page - Texas Instruments |
|
39 / 79 page ![]() TLE208x, TLE208xA, TLE208xY EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS SLOS182B – FEBRUARY 1997 – REVISED JUNE 2001 39 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE2084M electrical characteristics at specified free-air temperature, VCC± = ±5 V (unless otherwise noted) PARAMETER TEST CONDITIONS T † TLE2084M TLE2084AM UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage 25 °C –1.6 7 – 0.5 4 mV VIO Input offset voltage VIC = 0, VO = 0, Full range 12.5 9.5 mV αVIO Temperature coefficient of input offset voltage RS = 50 Ω Full range 10.1 30∗ 10.1 30∗ µV/°C IIO Input offset current 25 °C 15 100 15 100 pA IIO Input offset current VIC = 0, VO = 0, Full range 20 20 nA IIB Input bias current IC O See Figure 4 25 °C 20 175 20 175 pA IIB Input bias current Full range 65 65 nA 5 5 5 5 25 °C to to to to VICR Common-mode input RS =50 Ω – 1 – 1.9 – 1 – 1.9 V VICR voltage range RS = 50 Ω 5 5 V Full range to to g – 0.8 – 0.8 IO = 200 µA 25 °C 3.8 4.1 3.8 4.1 IO = – 200 µA Full range 3.6 3.6 VOM Maximum positive peak IO = 2mA 25 °C 3.5 3.9 3.5 3.9 V VOM + output voltage swing IO = – 2 mA Full range 3.3 3.3 V IO = 20 mA 25 °C 1.5 2.3 1.5 2.3 IO = – 20 mA Full range 1.4 1.4 IO = 200 µA 25 °C – 3.8 – 4.2 – 3.8 – 4.2 Mi ti IO = 200 µA Full range – 3.6 – 3.6 VOM Maximum negative peak output voltage IO =2mA 25 °C – 3.5 – 4.1 – 3.5 – 4.1 V VOM – eak out ut voltage swing IO = 2 mA Full range – 3.3 – 3.3 V swing IO =20mA 25 °C – 1.5 – 2.4 – 1.5 – 2.4 IO = 20 mA Full range – 1.4 – 1.4 RL = 600 Ω 25 °C 80 91 80 91 RL = 600 Ω Full range 78 78 AVD Large-signal differential VO = ± 23 V RL =2kΩ 25 °C 90 100 90 100 dB AVD gg voltage amplification VO = ± 2.3 V RL = 2 kΩ Full range 88 88 dB RL =10kΩ 25 °C 95 106 95 106 RL = 10 kΩ Full range 93 93 ri Input resistance VIC = 0 25 °C 1012 1012 Ω ci Input capacitance VIC = 0, Common mode 25 °C 11 11 pF ci Input capacitance IC See Figure 5 Differential 25 °C 2.5 2.5 pF zo Open-loop output impedance f = 1 MHz 25 °C 80 80 Ω CMRR Common-mode VIC = VICRmin, 25 °C 70 89 70 89 dB CMRR rejection ratio IC ICR VO = 0, RS = 50 Ω Full range 68 68 dB kSVR Supply-voltage rejec- VCC ± = ±5 V to ±15 V, 25 °C 82 99 82 99 dB kSVR yg j tion ratio ( ∆VCC± /∆VIO) CC ± VO = 0, RS = 50 Ω Full range 80 80 dB ICC Supply current VO = 0 No load 25 °C 5.2 6.3 7.5 5.2 6.3 7.5 mA ICC y ( four amplifiers ) VO = 0, No load Full range 7.5 7.5 mA ax Crosstalk attenuation VIC = 0, RL = 2 kΩ 25 °C 120 120 dB ∗On products compliant with MIL-PRF-38535, Class B, this parameter is not production tested. † Full range is – 55 °C to 125°C. |