Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRFS4510PbF Arkusz danych(PDF) 2 Page - International Rectifier

Numer części IRFS4510PbF
Szczegółowy opis  HEXFETPower MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRFS4510PbF Arkusz danych(HTML) 2 Page - International Rectifier

  IRFS4510PbF Datasheet HTML 1Page - International Rectifier IRFS4510PbF Datasheet HTML 2Page - International Rectifier IRFS4510PbF Datasheet HTML 3Page - International Rectifier IRFS4510PbF Datasheet HTML 4Page - International Rectifier IRFS4510PbF Datasheet HTML 5Page - International Rectifier IRFS4510PbF Datasheet HTML 6Page - International Rectifier IRFS4510PbF Datasheet HTML 7Page - International Rectifier IRFS4510PbF Datasheet HTML 8Page - International Rectifier IRFS4510PbF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRFS/SL4510PbF
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by max. junction
temperature.
‚ Limited by TJmax, starting TJ = 25°C, L = 0.192mH
RG = 25
Ω, IAS = 37A, VGS =10V. Part not recommended for use
above this value.
ƒ ISD ≤ 37A, di/dt ≤ 1550A/μs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.
„ Pulse width ≤ 400μs; duty cycle ≤ 2%.
S
D
G
… Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
† Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
‡ Rθ is measured at TJ approximately 90°C.
ˆ When mounted on 1" square PCB (FR-4 or G-10 Material). For recom
mended footprint and soldering techniques refer to application note #AN-994.
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
–––
0.11
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
11.3
13.9
m
Ω
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
μA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
RG
Internal Gate Resistance
–––
0.6
–––
Ω
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
100
–––
–––
S
Qg
Total Gate Charge
–––
58
87
nC
Qgs
Gate-to-Source Charge
–––
14
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
18
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––40–––
td(on)
Turn-On Delay Time
–––
13
–––
ns
tr
Rise Time
–––32–––
td(off)
Turn-Off Delay Time
–––
28
–––
tf
Fall Time
–––
28
–––
Ciss
Input Capacitance
–––
3180
–––
pF
Coss
Output Capacitance
–––
220
–––
Crss
Reverse Transfer Capacitance
–––
120
–––
Coss eff. (ER) Effective Output Capacitance (Energy Related) hÖ––
260
–––
Coss eff. (TR) Effective Output Capacitance (Time Related)g
–––
325
–––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
61
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
250
A
(Body Diode)Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
54
81
ns
TJ = 25°C
VR = 85V,
–––
60
90
TJ = 125°C
IF = 37A
Qrr
Reverse Recovery Charge
–––
95
140
nC TJ = 25°C
di/dt = 100A/μs f
–––
130
195
TJ = 125°C
IRRM
Reverse Recovery Current
–––
3.3
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
ID = 37A
RG =2.7Ω
VGS = 10V f
VDD = 65V
ID = 37A, VDS =0V, VGS = 10V f
TJ = 25°C, IS = 37A, VGS = 0V f
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 5mA™
VGS = 10V, ID = 37A f
VDS = VGS, ID = 100μA
VDS = 100V, VGS = 0V
VDS = 80V, VGS = 0V, TJ = 125°C
MOSFET symbol
showing the
VDS =50V
Conditions
VGS = 10V f
VGS = 0V
VDS = 50V
ƒ = 1.0MHz, See Fig.5
VGS = 0V, VDS = 0V to 80V h, See Fig.11
VGS = 0V, VDS = 0V to 80V gÃ
Conditions
VDS = 25V, ID = 37A
ID = 37A
VGS = 20V
VGS = -20V



Html Pages

1 2 3 4 5 6 7 8 9 10