Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRFS4510PbF Arkusz danych(PDF) 3 Page - International Rectifier

Numer części IRFS4510PbF
Szczegółowy opis  HEXFETPower MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRFS4510PbF Arkusz danych(HTML) 3 Page - International Rectifier

  IRFS4510PbF Datasheet HTML 1Page - International Rectifier IRFS4510PbF Datasheet HTML 2Page - International Rectifier IRFS4510PbF Datasheet HTML 3Page - International Rectifier IRFS4510PbF Datasheet HTML 4Page - International Rectifier IRFS4510PbF Datasheet HTML 5Page - International Rectifier IRFS4510PbF Datasheet HTML 6Page - International Rectifier IRFS4510PbF Datasheet HTML 7Page - International Rectifier IRFS4510PbF Datasheet HTML 8Page - International Rectifier IRFS4510PbF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRFS/SL4510PbF
www.irf.com
3
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance vs. Temperature
Fig 2. Typical Output Characteristics
Fig 6. Typical Gate Charge vs. Gate-to-Source Voltage
Fig 5. Typical Capacitance vs. Drain-to-Source Voltage
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
≤ 60μs PULSE WIDTH
Tj = 25°C
4.0V
VGS
TOP
15V
10V
6.0V
5.0V
4.8V
4.5V
4.3V
BOTTOM
4.0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
≤ 60μs PULSE WIDTH
Tj = 175°C
4.0V
VGS
TOP
15V
10V
6.0V
5.0V
4.8V
4.5V
4.3V
BOTTOM
4.0V
2.0
3.0
4.0
5.0
6.0
7.0
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
VDS = 50V
≤ 60μs PULSE WIDTH
TJ = 25°C
TJ = 175°C
-60 -40 -20 0
20 40 60 80 100 120 140 160 180
TJ , Junction Temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
ID = 37A
VGS = 10V
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
100000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0
20406080
QG Total Gate Charge (nC)
0
2
4
6
8
10
12
14
VDS= 80V
VDS= 50V
VDS= 20V
ID= 37A



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com