Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L4979D Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części L4979D
Szczegółowy opis  Low drop voltage regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4979D Arkusz danych(HTML) 1 Page - STMicroelectronics

  L4979D Datasheet HTML 1Page - STMicroelectronics L4979D Datasheet HTML 2Page - STMicroelectronics L4979D Datasheet HTML 3Page - STMicroelectronics L4979D Datasheet HTML 4Page - STMicroelectronics L4979D Datasheet HTML 5Page - STMicroelectronics L4979D Datasheet HTML 6Page - STMicroelectronics L4979D Datasheet HTML 7Page - STMicroelectronics L4979D Datasheet HTML 8Page - STMicroelectronics L4979D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
This is information on a product in full production.
September 2013
Doc ID 10262 Rev 9
1/22
1
L4979D
L4979MD
Low drop voltage regulator
Datasheet
production data
Features
■ Operating DC supply voltage range 5.6 V to
31 V
■ Low quiescent current (6 µA typ. @ 25 °C with
enable low)
■ High precision output voltage (2%)
■ Low dropout voltage less than 0.5 V
■ Reset circuit sensing the output voltage down
to 1 V
■ Programmable reset pulse delay with external
capacitor
■ Watchdog
■ Programmable watchdog timer with external
capacitor
■ Thermal shutdown and short circuit protection
■ Automotive temperature range (Tj =-40 °C to
150 °C)
■ Enable input for enabling/disabling the voltage
regulator output
Description
L4979D and L4979MD are low dropout linear
regulators with microprocessor control functions
such as low voltage reset, watchdog, on/off
control. Typical quiescent current is 100 µA in
very low output current mode and enabled
regulator. The devices drop to 6 µA with not
enabled regulators.
On chip trimming results in high output voltage
accuracy (2%). Accuracy is kept over wide
temperature range, line and load variation.
The maximum input voltage is 40 V. The max
output current is internally limited. Internal
temperature protection disables the voltage
regulator output.
Table 1.
Device summary
Package
Order codes
Tube
Tape and reel
SO-8
L4979D
L4979D013TR
SO-20
L4979MD
L4979MD013TR
SO-8
SO-20
www.st.com


Podobny numer części - L4979D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D Datasheet
268Kb / 10P
LOW DROP VOLTAGE REGULATOR
Rev. 5
L4979D-E STMICROELECTRONICS-L4979D-E Datasheet
1Mb / 22P
for car body applications
Oct-2013
L4979D-E STMICROELECTRONICS-L4979D-E Datasheet
656Kb / 22P
Automotive low dropout voltage regulator
21-Sep-2023
L4979D013TR STMICROELECTRONICS-L4979D013TR Datasheet
370Kb / 10P
LOW DROP VOLTAGE REGULATOR
Feb-2006
L4979D13TR STMICROELECTRONICS-L4979D13TR Datasheet
268Kb / 10P
LOW DROP VOLTAGE REGULATOR
Rev. 5
More results

Podobny opis - L4979D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
TLE4276 SIEMENS-TLE4276 Datasheet
158Kb / 16P
Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276 Datasheet
209Kb / 19P
Low-Drop Voltage Regulator
Version 2.2 2000-10-11
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D Datasheet
268Kb / 10P
LOW DROP VOLTAGE REGULATOR
Rev. 5
TEA7610 STMICROELECTRONICS-TEA7610 Datasheet
74Kb / 4P
LOW-DROP VOLTAGE REGULATOR
Jun-1992
logo
Infineon Technologies A...
TLE4266-2 INFINEON-TLE4266-2 Datasheet
209Kb / 11P
Low Drop Voltage Regulator
Rev. 1.2, 2004-01-01
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
LOW DROP VOLTAGE REGULATOR
Feb-2006
logo
Infineon Technologies A...
TLE4274 INFINEON-TLE4274_11 Datasheet
315Kb / 16P
Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_11 Datasheet
1Mb / 12P
Low Drop Voltage Regulator
Rev. 1.11, 2011-02-10
TLE4274-2DV50 INFINEON-TLE4274-2DV50 Datasheet
315Kb / 16P
Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_14 Datasheet
1Mb / 12P
Low Drop Voltage Regulator
Rev. 1.13, 2014-03-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com