Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCP2120-IP Arkusz danych(PDF) 22 Page - Microchip Technology

Numer części MCP2120-IP
Szczegółowy opis  Infrared Encoder/Decoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120-IP Arkusz danych(HTML) 22 Page - Microchip Technology

Back Button MCP2120-IP Datasheet HTML 18Page - Microchip Technology MCP2120-IP Datasheet HTML 19Page - Microchip Technology MCP2120-IP Datasheet HTML 20Page - Microchip Technology MCP2120-IP Datasheet HTML 21Page - Microchip Technology MCP2120-IP Datasheet HTML 22Page - Microchip Technology MCP2120-IP Datasheet HTML 23Page - Microchip Technology MCP2120-IP Datasheet HTML 24Page - Microchip Technology MCP2120-IP Datasheet HTML 25Page - Microchip Technology MCP2120-IP Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
MCP2120
DS21618B-page 22
© 2007 Microchip Technology Inc.
FIGURE 4-8:
TX and TXIR Waveforms
TABLE 4-8:
TX AND TXIR REQUIREMENTS
AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40
°C ≤ TA ≤ +85°C (industrial)
Operating Voltage VDD range is described in Section 4.1 “DC
Characteristics”
Param.
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
IR100 TTXBIT
Transmit Baud Rate
Hardware Selection
768
—
768
TOSC BAUD2:BAUD0 = 000
384
—
384
TOSC BAUD2:BAUD0 = 001
192
—
192
TOSC BAUD2:BAUD0 = 010
128
—
128
TOSC BAUD2:BAUD0 = 011
64
—
64
TOSC BAUD2:BAUD0 = 100
8
Software Selection
BAUD2:BAUD0 = 111
768
—
768
TOSC Hex Command = 0x87
384
—
384
TOSC Hex Command = 0x8B
192
—
192
TOSC Hex Command = 0x85
128
—
128
TOSC Hex Command = 0x83
64
—
64
TOSC Hex Command = 0x81
IR120 TTXL2TXIRH TX falling edge (
↓) to
TXIR rising edge (
↑) (1)
7TBITCLK
- 8.34 µs
77TBITCLK
+ 8.34 µs
TBITCLK
IR121 TTXIRPW
TXIR pulse width
12
—
12
TOSC
IR122 TTXIRP
TXIR bit period (1)
—16
—
TBITCLK
Note 1: TBITCLK = TTXBIT/16
BITCLK
TX
TXIR
01
0
0
0
1
IR100
IR121
IR120
Start Bit
Data bit 7
Data bit 6
Data bit 5
Data bit ...
IR122
IR122
IR122
IR122
IR122
IR122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36