| Zakładka z wyszukiwarką danych komponentów |
|
MCP2120-IP Arkusz danych(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2120-IP Arkusz danych(HTML) 20 Page - Microchip Technology |
|
20 / 36 page ![]() MCP2120 DS21618B-page 20 © 2007 Microchip Technology Inc. FIGURE 4-6: USART ASynchronous Transmission Waveform TABLE 4-6: USART ASYNCHRONOUS TRANSMISSION REQUIREMENTS AC Characteristics Standard Operating Conditions (unless otherwise specified) Operating Temperature –40 °C ≤ TA ≤ +85°C (industrial) Operating Voltage VDD range is described in Section 4.1 “DC Characteristics” Param. No. Sym Characteristic Min Typ Max Units Conditions IR100 TTXBIT Transmit Baud rate Hardware Selection 768 — 768 TOSC BAUD2:BAUD0 = 000 384 — 384 TOSC BAUD2:BAUD0 = 001 192 — 192 TOSC BAUD2:BAUD0 = 010 128 — 128 TOSC BAUD2:BAUD0 = 011 64 — 64 TOSC BAUD2:BAUD0 = 100 Software Selection BAUD2:BAUD0 = 111 768 — 768 TOSC Hex Command = 0x87 384 — 384 TOSC Hex Command = 0x8B 192 — 192 TOSC Hex Command = 0x85 128 — 128 TOSC Hex Command = 0x83 64 — 64 TOSC Hex Command = 0x81 IR101 ETXBIT Transmit (TX pin) Baud rate Error (into MCP2120) —— 1 % IR102 ETXIRBIT Transmit (TXIR pin) Baud rate Error (out of MCP2120)(1) —— 1 % IR103 TTXRF TX pin rise time and fall time — — 25 ns Note 1: This error is not additive to IR101 parameter. Note: Refer to Figure 4-2 for load conditions. IR103 TX pin IR100 IR103 IR100 IR100 IR100 Start Bit Data Bit Data Bit Data Bit |