| Zakładka z wyszukiwarką danych komponentów |
|
AX2000 Arkusz danych(PDF) 34 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000 Arkusz danych(HTML) 34 Page - Microsemi Corporation |
|
34 / 262 page ![]() Detailed Specifications 2- 20 R e v i sio n 1 8 User I/O Naming Conventions Due to the complex and flexible nature of the Axcelerator family’s user I/Os, a naming scheme is used to show the details of the I/O. The naming scheme explains to which bank an I/O belongs, as well as the pairing and pin polarity for differential I/Os (Figure 2-7). Figure 2-7 • I/O Bank and Dedicated Pin Layout Figure 2-8 • General Naming Schemes Corner4 Corner3 Corner1 I/O BANK 0 I/O BANK 5 I/O BANK 1 I/O BANK 4 Corner2 AX125 GND VCCDA GND VCCDA GND VCCDA GND VCCDA GND VCCDA GND VCCA GND VCCA GND VCCA GND VCCA GND VCCI2 GND VCCDA GND VCCI6 GND VCCI7 GND VCCI3 IOxxXBxFx Fx refers to an unimplemented feature and can be ignored. Bank I/D 0 through 7, clockwise from IOB NW P - Positive Pin/ N - Negative Pin Pair number in the bank, starting at 00, clockwise from IOB NW IO12PB1F1 is the positive pin of the thirteenth pair of the first I/O bank (IOB NE). IO12PB1 combined with IO12NB1 form a differential pair. For those I/Os that can be employed either as a user I/O or as a special function, the following nomenclature is used: IOxxXBxFx/special_function_name IOxxPB1Fx/xCLKx this pin can be configured as a clock input or as a user I/O. Examples: |