Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8557ACPZ-R2 Arkusz danych(PDF) 12 Page - Analog Devices

Numer części AD8557ACPZ-R2
Szczegółowy opis  Digitally Programmable Sensor Signal Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8557ACPZ-R2 Arkusz danych(HTML) 12 Page - Analog Devices

Back Button AD8557ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8557
Rev. C | Page 12 of 24
140
0
0.01
100
FREQUENCY (kHz)
120
100
80
60
40
20
0.1
0.1
1
10
GAIN = +1300
GAIN = +28
Figure 34. PSRR vs. Frequency
CH3 50.0mV
M 10.0µs
T 24.20%
A CH3
12.0mV
3
CHANNEL 3
+OVER
5.967%
CHANNEL 3
–OVER
6.878%
Figure 35. Small Signal Response, VSY = 5 V, CL = 100 pF
CH3 50.0mV
M 10.0µs
T 24.20%
A CH2
480µV
3
CHANNEL 3
+OVER
98.13%
CHANNEL 3
–OVER
54.94%
Figure 36. Small Signal Response, VSY = 5 V, CL = 15 nF
CH2 1.0V
M 10.0µs
T 23.20%
A CH2
0V
2
Figure 37. Large Signal Response, CL = 0 pF
CH2 1.0V
M 10.0µs
T 23.20%
A CH2
0V
2
Figure 38. Large Signal Response, CL = 5 nF
60
–20
0.1
1000
FREQUENCY (kHz)
1
10
100
50
40
30
20
10
0
–10
VSY = 5V
GAIN = +28
Figure 39. Output Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com