| Zakładka z wyszukiwarką danych komponentów |
|
AM29F100B-90FE Arkusz danych(PDF) 24 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F100B-90FE Arkusz danych(HTML) 24 Page - Advanced Micro Devices |
|
24 / 36 page ![]() 24 Am29F100 AC CHARACTERISTICS Read-only Operations Characteristics Notes: 1. Not 100% tested. 2. Output Driver Disable Time. 3. See Figure 8 and Table 7 for test specifications. Parameter Symbol Parameter Description Test Setup -70 -90 -120 -150 Unit JEDEC Std. tAVAV tRC Read Cycle Time (Note 1) Min 70 90 120 150 ns tAVQV tACC Address to Output Delay CE# = VIL OE# = VIL Max 70 90 120 150 ns tELQV tCE Chip Enable to Output Delay OE# = VIL Max 70 90 120 150 ns tGLQV tOE Output Enable to Output Delay Max 30 35 50 55 ns tEHQZ tDF Chip Enable to Output High Z (Notes 1, 2) Max 20 20 30 35 ns tGHQZ tDF Output Enable to Output High Z (Notes 1, 2) Max 20 20 30 35 ns tOEH Output Enable Hold Time (Note 1) Read Min 0 ns Toggle and Data Polling Min 10 ns tAXQX tOH Output Hold Time From Addresses CE# or OE#, Whichever Occurs First Min 0 ns tCE Outputs WE# Addresses CE# OE# HIGH Z Output Valid HIGH Z Addresses Stable tRC tACC tOEH tOE 0 V RY/BY# RESET# tDF tOH 18926C-14 Figure 9. Read Operations Timings |