Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29F100B-90FE Arkusz danych(PDF) 3 Page - Advanced Micro Devices

Numer części AM29F100B-90FE
Szczegółowy opis  1 Megabit (128 K x 8-bit/64 K x 16-bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F100B-90FE Arkusz danych(HTML) 3 Page - Advanced Micro Devices

  AM29F100B-90FE Datasheet HTML 1Page - Advanced Micro Devices AM29F100B-90FE Datasheet HTML 2Page - Advanced Micro Devices AM29F100B-90FE Datasheet HTML 3Page - Advanced Micro Devices AM29F100B-90FE Datasheet HTML 4Page - Advanced Micro Devices AM29F100B-90FE Datasheet HTML 5Page - Advanced Micro Devices AM29F100B-90FE Datasheet HTML 6Page - Advanced Micro Devices AM29F100B-90FE Datasheet HTML 7Page - Advanced Micro Devices AM29F100B-90FE Datasheet HTML 8Page - Advanced Micro Devices AM29F100B-90FE Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Am29F100
3
PRODUCT SELECTOR GUIDE
Note: See the AC Characteristics section for full specifications.
BLOCK DIAGRAM
Family Part Number
Am29F100
Speed Option (VCC = 5.0 V ± 10%)
-70
-90
-120
-150
Max Access Time (ns)
70
90
120
150
CE# Access (ns)
70
90
120
150
OE# Access (ns)
30
35
50
55
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
VCC Detector
State
Control
Command
Register
VCC
VSS
WE#
CE#
OE#
STB
STB
DQ0
–DQ15
RESET#
Data
Latch
Y-Gating
Cell Matrix
18926C-1
A0–A15
RY/BY#
Buffer
RY/BY#
BYTE#
A-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36